Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU1334KC9 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWU1334KC9
Description  Stacked Metallized PEN Film Chip Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1334KC9 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWU1334KC9 Datasheet HTML 1Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 2Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 3Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 4Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 5Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 6Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 7Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 8Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Plastic Film Capacitors
Design,Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt safety arises from this product, please inform us immediately for technical consultation without fail.
- 1-
Stacked Metallized PEN Film Chip Capacitor
Type :
ECWU(C)
Stacked metallized PEN film as dielectric with simple
mold-less construction
Features
Small in size
For reflow soldering
RoHS directive compliant
Recommended Applications
General purpose (Coupling, By-pass)
Explanation of Numbers
Specification
Category temp. range
(Including temperature-rise on unit surface)
- 55 °C to +125 °C
Rated voltage
100 VDC, 250 VDC, 630VDC (Derating of rated voltage by 1.25% / °C more than 85°C)
100 VDC
0.012 µF to 1.0 µF (E12)
250 VDC
0.0010 µF to 0.12 µF (E12)
Capacitance range
630 VDC
0.022 µF, 0.027 µF, 0.033 µF
100 VDC
±
5 %(J), ±10 %(K) ( C≧0.18 µF ±10 %(K) only)
250 VDC
±
5 %(J), ±10 %(K)
Capacitance tolerance
630 VDC
±
5 %(J)
Withstand voltage
Between terminals :Rated volt. (VDC)×150 % 60 s
Dissipation factor (tanδ)
tanδ≦1.0 % (20 ℃,1 kHz)
C≦0.33 µF
100 VDC, 250 VDC, 630 VDC:IR≧3000MΩ (20 ℃, 100 VDC, 60 s)
Insulation resistance (IR)
C>0.33 µF
100 VDC:IR≧1000 MΩ・μF (20 ℃, 100 VDC, 60 s)
100 VDC
250 VDC
Reflow soldering 240°C max. and 60 s max. at more than 220°C
(Temp. at cap. surface ) Please consult us for Reflow 250 ℃ max product.
Soldering conditions
630 VDC
Reflow soldering250°C max. and 60 s to 150s. at more than 217°C
(Temp. at cap. surface )
*In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
*Please consult us for capacitance range between 0.15 µF and 1.0 µF.(250 VDC)
1
2
3
4
5
6
7
8
9
10
11
12
J
±5 %
K
±10 %
Dielectric &
construction
Product code
Rated voltage
Capacitance
Cap. Tol.
Suffix
Suffix
1
100 VDC
2
250 VDC
Tape width
9
12 mm
V
16 mm
Tape width
V
16 mm
1
2
3
4
5
6
7
8
9
10
11
12
Dielectric &
construction
Product code
Rated voltage
Capacitance
Cap. Tol.
Suffix
Suffix
2J
630 VDC
J
±5 %
1
2
3
4
5
6
7
8
9
10
11
1
0
4
3
3
1
Dielectric &
construction
Product code
Rated voltage
Capacitance
1
100 VDC
Small in size, Cap. Tol. :
±5 %, Tape width : 12 mm
Suffix


Similar Part No. - ECWU1334KC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1334KC9 PANASONIC-ECWU1334KC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1334KC9 PANASONIC-ECWU1334KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1334KC9 PANASONIC-ECWU1334KC9 Datasheet
65Kb / 3P
   Plastic Film Capacitors
More results

Similar Description - ECWU1334KC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com