Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4503-520E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4503-520E
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4503-520E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4503-520E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-520E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-520E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-520E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-520E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-520E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-520E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-520E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-520E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Switching Specifications (AC)
Over recommended temperature (T
A = 0°C to 70°C), VCC = 5 V, IF = 16 mA unless otherwise specified.
Parameter
Sym. Device
Min.
Typ.*
Max. Units
Test Conditions
Fig.
Note
Propagation
t
PHL
HCPL-4502/3
0.2
0.8
µs
T
A = 25°C
R
L = 1.9 kΩ
5, 6,
8
HCPL-0452/3
1.0
10
HCNW4502/3
Propagation
t
PLH
HCPL-4502/3
0.6
0.8
µs
T
A = 25°C
R
L = 1.9 kΩ
5, 6,
8
HCPL-0452/3
1.0
10
HCNW4502/3
Common Mode
|CM
H|
HCPL-4502
1
kV/µs R
L = 1.9 kΩ
I
F = 0 mA, TA = 25°C,
11
7, 8
HCPL-0452
V
CM = 10 Vp-p
HCNW4502
C
L = 15 pF
HCPL-4503
15
30
R
L = 1.9 kΩ
I
F = 0 mA, TA = 25°C,
HCPL-0453
V
CM = 1500 Vp-p,
HCNW4503
C
L = 15 pF
Common Mode
|CM
L|
HCPL-4502
1
kV/µs R
L = 1.9 kΩ
I
F = 16 mA, TA = 25°C,
11
7, 8
HCPL-0452
V
CM = 10 Vp-p
HCNW4502
C
L = 15 pF
HCPL-4503
15
30
R
L = 1.9 kΩ
I
F = 16 mA, TA = 25°C,
HCPL-0453
V
CM = 1500 Vp-p,
HCNW4503
C
L = 15 pF
*All typicals at T
A = 25°C.
Delay Time to
Logic Low at
Output
Delay Time to
Logic High at
Output
Transient Im-
munity at Logic
High Level
Output
Transient Im-
munity at Logic
Low Level
Output


Similar Part No. - HCPL-4503-520E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4503-500 HP-HCPL-4503-500 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-4503-520E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com