Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4503-060E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4503-060E
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4503-060E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4503-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4503-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Schematic
Selection Guide
Widebody
Minimum CMR
8-Pin DIP (300 Mil)
Small-Outline SO-8
(400 Mil)
Hermetic
Current
Single
Dual
Single
Dual
Single
Single and
dV/dt
V
CM
Transfer
Channel
Channel
Channel
Channel
Channel
Dual Channel
(V/µs)
(V)
Ratio (%)
Package
Package*
Package
Package*
Package
Packages*
10
19
HCPL-4502
HCPL-0452
HCNW4502
15,000
1500
19
HCPL-4503
HCPL-4534
HCPL-0453
HCPL-0534
HCNW4503
1,000
10
9
HCPL-55XX
HCPL-65XX
4N55
*Technical data for these products are on separate Avago publications.
The HCPL-4502, HCPL-0452, and HCNW4502 provide the
electrical and switching performance of the 6N136, HCPL-
0501, and HCNW136 with increased ESD protection.
The HCPL-4503, HCPL-0453, and HCNW4503 are similar to
the HCPL-4502, HCPL-0452, and HCNW4502 optocouplers
but have increased common mode transient immunity of
15 kV/µs minimum at V
CM = 1500 V guaranteed.
IF
SHIELD
HCPL-4503/0453
HCNW4503
8
6
5
GND
VCC
2
3
VO
ICC
VF
IO
ANODE
CATHODE
+


Similar Part No. - HCPL-4503-060E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4503-060 HP-HCPL-4503-060 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-4503-060E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com