Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7225-ADDHNSCP Datasheet(PDF) 5 Page - Orister Corporation

Part # RS7225-ADDHNSCP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7225-ADDHNSCP Datasheet(HTML) 5 Page - Orister Corporation

  RS7225-ADDHNSCP Datasheet HTML 1Page - Orister Corporation RS7225-ADDHNSCP Datasheet HTML 2Page - Orister Corporation RS7225-ADDHNSCP Datasheet HTML 3Page - Orister Corporation RS7225-ADDHNSCP Datasheet HTML 4Page - Orister Corporation RS7225-ADDHNSCP Datasheet HTML 5Page - Orister Corporation RS7225-ADDHNSCP Datasheet HTML 6Page - Orister Corporation RS7225-ADDHNSCP Datasheet HTML 7Page - Orister Corporation RS7225-ADDHNSCP Datasheet HTML 8Page - Orister Corporation RS7225-ADDHNSCP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page No. : 5/10
DS-RS7225-02
September, 2009
www.Orister.com
Detail Description
The RS7225 is a low-dropout linear regulator. The device provides preset 1.8V, 2.5V and 3.3V output voltages for output
current up to 600mA. Other mask options for special output voltages are also available. As illustrated in function block diagram,
it consists of a 0.95V bandgap reference, an error amplifier, a P-channel pass transistor and an internal feedback voltage
divider.
The 0.95V bandgap reference is connected to the error amplifier, which compares this reference with the feedback voltage and
amplifies the voltage difference. If the feedback voltage is lower than the reference voltage, the pass-transistor gate is pulled
lower, which allows more current to pass to the output pin and increases the output voltage. If the feedback voltage is too high,
the pass transistor gate is pulled up to decrease the output voltage.
The output voltage is feedback through an internal resistive divider connected to VOUT pin. Additional blocks include an output
current limiter, thermal sensor, and shutdown logic.
Internal P-channel Pass Transistor
The RS7225 features a P-channel MOSFET pass transistor. Unlike similar designs using PNP pass transistors, P-channel
MOSFETs require no base drive, which reduces quiescent current. PNP-based regulators also waste considerable current in
dropout when the pass transistor saturates, and use high base-drive currents under large loads. The RS7225 does not suffer
from these problems and consumes only 60μA (Typ.) of current consumption under heavy loads as well as in dropout
conditions.
Enable Function
EN pin starts and stops the regulator. When the EN pin is switched to the power off level, the operation of all internal circuit
stops, the build-in P-channel MOSFET output transistor between pins VIN and VOUT is switched off, allowing current consumption
to be drastically reduced. The VOUT pin enters the GND level through the internal discharge path between VOUT and GND pins.
Soft Start Function
The capacitor can be connected between the BYPASS pin and GND. This capacitor can be a low cost Polyester Film variety. A
larger capacitor improves the AC ripple rejection, but also makes the output come up slowly. This "Soft" turn-on is desirable in
some applications to limit turn-on surges.
Fast Discharge Function
The RS7225 fixed type has fast discharge Function on EN pin disable. When user turns off the device, its internal pull-low
resistor will discharge output capacitor charge. It’ll avoid other device to arise wrong motions.
Output Voltage Selection
For fixed voltage type of RS7225, the output voltage is preset at an internally trimmed voltage. The first two digits of part
number suffix identify the output voltage (see Ordering Information). For example, the RS7225-33 has a preset 3.3V output
voltage.
Current Limit
The RS7225 also includes a fold back current limiter. It monitors and controls the pass transistor’s gate voltage, estimates the
output current, and limits the output current within 1.3A (Typ.)
Thermal Overload Protection
Thermal overload protection limits total power dissipation in the RS7225. When the junction temperature exceeds TJ=+165°C, a
thermal sensor turns off the pass transistor, allowing the IC to cool down. The thermal sensor turns the pass transistor on again
after the junction temperature cools down by 20°C, resulting in a pulsed output during continuous thermal overload conditions.
Thermal overload protection is designed to protect the RS7225 in the event of fault conditions. For continuous operation, the
absolute maximum operating junction temperature rating of TJ=+125°C should not be exceeded.


Similar Part No. - RS7225-ADDHNSCP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7225-ADDHNSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
National Semiconductor ...
LP38851 NSC-LP38851 Datasheet
441Kb / 18P
   800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38851S-ADJ TI1-LP38851S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com