Electronic Components Datasheet Search |
|
DK1AL25VNIL Datasheet(PDF) 5 Page - Panasonic Semiconductor |
|
DK1AL25VNIL Datasheet(HTML) 5 Page - Panasonic Semiconductor |
5 / 5 page DK SPECIFICATIONS Remarks *1 Detection current: 10 mA DIMENSIONS mm inch FIXING AND REMOVAL METHOD For Cautions for Use, see Relay Technical Information Breakdown voltage*1 4,000 Vrms (Except the portion between coil terminals) Insulation resistance Min. 1,000 m Ω (at 500 V DC) Heat resistance 150 °C (for 1 hour) Max. continuous current 10 A (DK1a-PS, DK1a-PSL2), 8 A (DK2a-PS, DK2a-PSL2) DK relay socket TYPES AND RELAY COMPATIBILITY Socket 1 Form A 1 Form A 1 Form B, 2 Form A Relay Single side stable type 2 coil latching type Single side stable type 2 coil latching type 1 Form A Single side stable type DK1a-PS DK1a-PSL2 — — 2 coil latching type — DK1a-PSL2 — — 1 Form A 1 Form B 2 Form A Single side stable type — — DK2a-PS DK2a-PSL2 2 coil latching type — — — DK2a-PSL2 23 ±0.6 .906 ±.024 15 ±0.6 .591 ±.024 1 Form A type 23 ±0.6 .906 ±.024 15 ±0.6 .591 ±.024 1 Form A 1 Form B type, 2 Form A type 0.8 .031 13.7 ±0.6 .539 ±.024 6 ±0.3 .236 ±.012 3.4 ±0.3 .134 ±.012 17 ±0.6 .669 ±.024 0.25 .010 0.3 ±0.1 .012 ±.004 2.54 ±0.1 .100 ±.004 7.62 ±0.3 .300 ±.012 7.62 ±0.3 .300 ±.012 13.7 ±0.6 .539 ±.024 3.4 ±0.3 .134 ±.012 17 ±0.6 .669 ±.024 0.3 ±0.1 .012 ±.004 10.16 ±0.3 .400 ±.012 7.62 ±0.3 .300 ±.012 10.16 ±0.3 .400 ±.012 10.16 ±0.3 .400 ±.012 6 ±0.3 .236 ±.012 General tolerance: ±0.3 ±.012 PC board pattern (Copper-side view) 1 Form A 1 Form A 1 Form B The above shows 2 coil latching type. No.2 and 5 terminal are eliminated on single side stable type. Tolerance: ±0.1 ±.004 2.54 .100 2.54 .100 1.2 dia. .047 dia. 12 65 4 3 2.54 .100 2.54 .100 12 65 87 4 3 1.2 dia. .047 dia. 1. Match the direction of relay and socket. 2. Both ends of the relay are to be secured firmly so that the socket hooks on the top surface of the relay. 3. Remove the relay, applying force in the direction shown below. 4. In case there is not enough space to grasp relay with fingers, use screwdrivers in the way shown below. GOOD NO GOOD NOTES 1. Phase synchronization of AC-load switching In case of switching the contact synchronized with phase of load voltage, the life of contact might be shorter or contact failure might be caused. Please confirm this matter in the actual system in this case. If necessary, the phase control would be recommended. 2. Soldering should be done under the following conditions: 250 °C 482°F within 10s 300 °C 572°F within 5s 350 °C 662°F within 3s Vin Vin Load voltage Load voltage Ry Load All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd. |
Similar Part No. - DK1AL25VNIL |
|
Similar Description - DK1AL25VNIL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |