Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELL4FG150MA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELL4FG150MA
Description  Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL4FG150MA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELL4FG150MA Datasheet HTML 1Page - Panasonic Semiconductor ELL4FG150MA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
E
1
L
2
L
3
4
100
4
F
5
G
6789
M
10
11
Product Code
Design No.
Inductance
Structure
Outer size
Choke Coil (Magnetically shielded )
Series
G
ELL
Height
G
1.4 max.
L
1.8 max.
F
1.2 max.
150
15
µH
M
±20 %
N
±30 %
2R2
2.2
µH
Tolerance
G
L
A
F
A
H
1.1
±0.10 (1.20 max.)
1.80 max.
Type
ELL4FG-A
ELL4LG-A
3.80
±0.2
1.20
1.60
1.20
4.20
1.00
0.70
0.70
3.80
±0.2
1.70
1.60
1.50
1.50
SMD Choke Coils
Series:
G
Type:
ELL4FG-A
ELL4GG
ELL4LG-A
Explanation of Part Numbers
Dimensions in mm (not to scale)
Features
Magnetically shielded structure
Low DC resistance and large current capability
Shock resistant
Recommended land patterns in mm (not to scale)
Standard Packing Quantity
2000 pcs./Reel (ELL4FG-A/ELL4GG)
3000 pcs./Reel (ELL4LG-A)
Recommended Applications
DC-DC converter circuitry for computer peripherals
and cellular phones.
Chopper circuit decoupling chokes for DC-DC
converter circuitry.
Type ELL4FG–A
Type ELL4GG
Type ELL4LG–A
● ELL4FG-A
● ELL4LG-A
● ELL4GG
● ELL4FG-A
● ELL4LG-A
● ELL4GG
Jan. 2008


Similar Part No. - ELL4FG150MA

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ELL4FG150MA PANASONICBATTERY-ELL4FG150MA Datasheet
95Kb / 2P
   Power Inductors / Wire Wound type
More results

Similar Description - ELL4FG150MA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com