Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKNIL9VNIL Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # DKNIL9VNIL
Description  10 A MINIATURE POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DKNIL9VNIL Datasheet(HTML) 5 Page - Panasonic Semiconductor

  DKNIL9VNIL Datasheet HTML 1Page - Panasonic Semiconductor DKNIL9VNIL Datasheet HTML 2Page - Panasonic Semiconductor DKNIL9VNIL Datasheet HTML 3Page - Panasonic Semiconductor DKNIL9VNIL Datasheet HTML 4Page - Panasonic Semiconductor DKNIL9VNIL Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DK
SPECIFICATIONS
Remarks
*1 Detection current: 10 mA
DIMENSIONS
mm inch
FIXING AND REMOVAL METHOD
For Cautions for Use, see Relay Technical Information
Breakdown voltage*1
4,000 Vrms (Except the portion between coil terminals)
Insulation resistance
Min. 1,000 m
Ω (at 500 V DC)
Heat resistance
150
°C (for 1 hour)
Max. continuous current
10 A (DK1a-PS, DK1a-PSL2), 8 A (DK2a-PS, DK2a-PSL2)
DK relay socket
TYPES AND RELAY COMPATIBILITY
Socket
1 Form A
1 Form A 1 Form B, 2 Form A
Relay
Single side
stable type
2 coil
latching type
Single side
stable type
2 coil
latching type
1 Form A
Single side stable type
DK1a-PS
DK1a-PSL2
2 coil latching type
DK1a-PSL2
1 Form A 1 Form B
2 Form A
Single side stable type
DK2a-PS
DK2a-PSL2
2 coil latching type
DK2a-PSL2
23
±0.6
.906
±.024
15
±0.6
.591
±.024
1 Form A type
23
±0.6
.906
±.024
15
±0.6
.591
±.024
1 Form A 1 Form B type, 2 Form A type
0.8
.031
13.7
±0.6
.539
±.024
6
±0.3
.236
±.012
3.4
±0.3
.134
±.012
17
±0.6
.669
±.024
0.25
.010
0.3
±0.1
.012
±.004
2.54
±0.1
.100
±.004
7.62
±0.3
.300
±.012
7.62
±0.3
.300
±.012
13.7
±0.6
.539
±.024
3.4
±0.3
.134
±.012
17
±0.6
.669
±.024
0.3
±0.1
.012
±.004
10.16
±0.3
.400
±.012
7.62
±0.3
.300
±.012
10.16
±0.3
.400
±.012
10.16
±0.3
.400
±.012
6
±0.3
.236
±.012
General tolerance:
±0.3 ±.012
PC board pattern (Copper-side view)
1 Form A
1 Form A 1 Form B
The above shows 2 coil latching type. No.2 and 5
terminal are eliminated on single side stable type.
Tolerance:
±0.1 ±.004
2.54
.100
2.54
.100
1.2 dia.
.047 dia.
12
65
4
3
2.54
.100
2.54
.100
12
65
87
4
3
1.2 dia.
.047 dia.
1. Match the direction of relay
and socket.
2. Both ends of the relay are
to be secured firmly so that
the socket hooks on the top
surface of the relay.
3. Remove the relay, applying
force in the direction shown
below.
4. In case there is not enough
space to grasp relay with
fingers, use screwdrivers in
the way shown below.
GOOD
NO GOOD
NOTES
1. Phase synchronization of AC-load
switching
In case of switching the contact
synchronized with phase of load voltage,
the life of contact might be shorter or
contact failure might be caused. Please
confirm this matter in the actual system in
this case. If necessary, the phase control
would be recommended.
2. Soldering should be done under the
following conditions:
250
°C 482°F within 10s
300
°C 572°F within 5s
350
°C 662°F within 3s
Vin
Vin
Load
voltage
Load
voltage
Ry
Load
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Description - DKNIL9VNIL

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com