Electronic Components Datasheet Search |
|
J309 Datasheet(PDF) 8 Page - Fairchild Semiconductor |
|
J309 Datasheet(HTML) 8 Page - Fairchild Semiconductor |
8 / 13 page ITEM DESCRIPTION Base of Package to Lead Bend Component Height Lead Clinch Height Component Base Height Component Alignment ( side/side ) Component Alignment ( front/back ) Component Pitch Feed Hole Pitch Hole Center to First Lead Hole Center to Component Center Lead Spread Lead Thickness Cut Lead Length Taped Lead Length Taped Lead Thickness Carrier Tape Thickness Carrier Tape Width Hold - down Tape Width Hold - down Tape position Feed Hole Position Sprocket Hole Diameter Lead Spring Out SYMBOL b Ha HO H1 Pd Hd P PO P1 P2 F1/F2 d L L1 t t1 W WO W1 W2 DO S DIMENSION 0.098 (max) 0.928 (+/- 0.025) 0.630 (+/- 0.020) 0.748 (+/- 0.020) 0.040 (max) 0.031 (max) 0.500 (+/- 0.020) 0.500 (+/- 0.008) 0.150 (+0.009, -0.010) 0.247 (+/- 0.007) 0.104 (+/- 0 .010) 0.018 (+0.002, -0.003) 0.429 (max) 0.209 (+0.051, -0.052) 0.032 (+/- 0.006) 0.021 (+/- 0.006) 0.708 (+0.020, -0.019) 0.236 (+/- 0.012) 0.035 (max) 0.360 (+/- 0.025) 0.157 (+0.008, -0.007) 0.004 (max) Note : All dimensions are in inches. ITEM DESCRIPTION SYSMBOL MINIMUM MAXIMUM Reel Diameter D1 13.975 14.025 Arbor Hole Diameter (Standard) D2 1.160 1.200 (Small Hole) D2 0.650 0.700 Core Diameter D3 3.100 3.300 Hub Recess Inner Diameter D4 2.700 3.100 Hub Recess Depth W1 0.370 0.570 Flange to Flange Inner Width W2 1.630 1.690 Hub to Hub Center Width W3 2.090 Note: All dimensions are inches TO-92 Tape and Reel Taping Dimension Configuration: Figure 4.0 Ha H1 HO PO P2 P1 F1 DO P Pd b d L1 L S WO W2 W t t1 Hd W1 TO-92 Reel Configuration: Figure 5.0 User Direction of Feed SENSI TIVE DEVICES ELECT ROSTATIC D1 D3 Customized Label W2 W1 W3 F63TNR Label D4 D2 TO-92 Tape and Reel Data and Package Dimensions, continued July 1999, Rev. A |
Similar Part No. - J309 |
|
Similar Description - J309 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |