Electronic Components Datasheet Search |
|
HSMS-280R Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
HSMS-280R Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
2 / 10 page 2 Absolute Maximum Ratings[1] TC = 25°C Symbol Parameter Unit SOT-23/SOT-143 SOT-323/SOT-363 If Forward Current (1 μs Pulse) Amp 1 1 PIV Peak Inverse Voltage V Same as VBR Same as VBR Tj Junction Temperature °C 150 150 Tstg Storage Temperature °C -65 to 150 -65 to 150 Tjc Thermal Resistance[2] °C/W 500 150 Notes: 1. Operation in excess of any one of these conditions may result in permanent damage to the device. 2. TC = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board. Notes: 1. Package marking provides orientation and identification. 2. See “Electrical Specifications” for appropriate package marking. ESD WARNING: Handling Precautions Should Be Taken To Avoid Static Discharge. Pin Connections and Package Marking, SOT-363 1 2 3 6 5 4 Electrical Specifications TA = 25°C, Single Diode [3] Part Number HSMS[4] Package Marking Code Lead Code Configuration Minimum Breakdown Voltage VBR (V) Maximum Forward Voltage VF (mV) Maximum Forward Voltage VF (V) @ IF (mA) Maximum Reverse Leakage IR (nA) @ VR (V) Maximum Capacitance CT (pF) Typical Dynamic Resistance RD (Ω) [5] 2800 A0 0 Single 70 410 1.0 @ 15 200 @ 50 2.0 35 2802 A2 2 Series 2803 A3 3 Common Anode 2804 A4 4 Common Cathode 2805 A5 5 Unconnected Pair 2808 A8 8 Bridge Quad[4] 280B A0 B Single 280C A2 C Series 280E A3 E Common Anode 280F A4 F Common Cathode 280K AK K High Isolation Unconnected Pair 280L AL L Unconnected Trio 280M H M Common Cathode Quad 280N N N Common Anode Quad 280P AP P Bridge Quad 280R O R Ring Quad Test Conditions IR = 10 mA IF = 1 mA VF = 0 V f = 1 MHz IF = 5 mA Notes: 1. DVF for diodes in pairs and quads in 15 mV maximum at 1 mA. 2. DCTO for diodes in pairs and quads is 0.2 pF maximum. 3. Effective Carrier Lifetime (t) for all these diodes is 100 ps maximum measured with Krakauer method at 5 mA. 4. See section titled “Quad Capacitance.” 5. RD = RS + 5.2 Ω at 25°C and If = 5 mA. |
Similar Part No. - HSMS-280R |
|
Similar Description - HSMS-280R |