Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMA-C280 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMA-C280
Description  Miniature ChipLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMA-C280 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMA-C280 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMA-C280 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMA-C280 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMA-C280 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMA-C280 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMA-C280 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMA-C280 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMA-C280 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Note:
1. Bin categories are established for classification of products.
Products may not be available in all categories. Please contact
your Avago representative for information on currently available
bins.
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Bin ID
Min.
Max.
A
0.11
0.18
B
0.18
0.29
C
0.29
0.45
D
0.45
0.72
E
0.72
1.10
F
1.10
1.80
G
1.80
2.80
H
2.80
4.50
J
4.50
7.20
K
7.20
11.20
L
11.20
18.00
M
18.00
28.50
N
28.50
45.00
P
45.00
71.50
Q
71.50
112.50
R
112.50
180.00
S
180.00
285.00
T
285.00
450.00
U
450.00
715.00
V
715.00
1125.00
W
1125.00
1800.00
X
1800.00
2850.00
Y
2850.00
4500.00
Tolerance: ± 15%
Note:
1. Bin categories are established for classification of products.
Products may not be available in all categories. Please contact
your Avago representative for information on currently available
bins.
Color Bin Limits[1]
Green Color Bins [1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
561.5
564.5
B
564.5
567.5
C
567.5
570.5
D
570.5
573.5
E
573.5
576.5
Tolerance: ± 1 nm.
Yellow/Amber Color Bins [1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Tolerance: ± 1 nm.


Similar Part No. - HSMA-C280

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMA-C230 BOARDCOM-HSMA-C230 Datasheet
788Kb / 10P
   Amber Color Side-Mount ChipLED
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
   AlInGaP chipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C265 AVAGO-HSMA-C265 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results

Similar Description - HSMA-C280

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C280 AVAGO-HSMW-C280 Datasheet
383Kb / 8P
   Miniature ChipLED
HSMQ-C280 AVAGO-HSMQ-C280 Datasheet
373Kb / 7P
   Miniature ChipLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
   CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
   TriColor ChipLED
logo
Broadcom Corporation.
HSMR-C170-R0000 BOARDCOM-HSMR-C170-R0000 Datasheet
1Mb / 10P
   Blue ChipLED
logo
OSRAM GmbH
LWQ38E OSRAM-LWQ38E Datasheet
557Kb / 22P
   CHIPLED 0603
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com