Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-4820-BLKG Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-4820-BLKG
Description  Surface Mount RF PIN Switch and Limiter Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-4820-BLKG Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-4820-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-4820-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-4820-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-4820-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-4820-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-4820-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-4820-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-4820-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-4820-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Typical Applications for HSMP-482x Low Inductance
Series
Microstrip Series Connection for HSMP-482x Series
In order to take full advantage of the low inductance
of the HSMP-482x series when using them in series
applications, both lead 1 and lead 2 should be connected
together, as shown in Figure 14.
Figure 16. Equivalent Circuit.
Co-Planar Waveguide Shunt Connection for HSMP-482x Series
Co-Planar waveguide, with ground on the top side of
the printed circuit board, is shown in Figure 17. Since
it eliminates the need for via holes to ground, it offers
lower shunt parasitic inductance and higher maximum
attenuation when compared to a microstrip circuit. See
AN1050 for details.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
12
3
0.3 nH
0.3 nH
0.8 pF
1.5 nH
1.5 nH
0.8 pF
0.75 nH
Figure 13. Internal Connections.
Figure 14. Circuit Layout.
Microstrip Shunt Connections for HSMP-482x Series
In Figure 15, the center conductor of the microstrip line
is interrupted and leads 1 and 2 of the HSMP-482x diode
are placed across the resulting gap. This forces the 0.5
nH lead inductance of leads 1 and 2 to appear as part of
a low pass filter, reducing the shunt parasitic inductance
and increasing the maximum available attenuation.
The 0.3 nH of shunt inductance external to the diode
is created by the via holes, and is a good estimate for
0.032" thick material.
Figure 15. Circuit Layout, HSMP-482x Limiter.
Figure 17. Circuit Layout.
Figure 18. Equivalent Circuit.
Co-Planar Waveguide
Groundplane
Groundplane
Center Conductor


Similar Part No. - HSMP-4820-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-4820-BLK HP-HSMP-4820-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-4820-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3824 BOARDCOM-HSMP-3824 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-382X AVAGO-HSMP-382X Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3822-TR1G AVAGO-HSMP-3822-TR1G Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
Broadcom Corporation.
HSMP-3820 BOARDCOM-HSMP-3820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3823 BOARDCOM-HSMP-3823 Datasheet
153Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3822 BOARDCOM-HSMP-3822 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-4820 BOARDCOM-HSMP-4820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-482B BOARDCOM-HSMP-482B Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3820 AVAGO-HSMP-3820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes Tape and Reel Options Available
logo
Microsemi Corporation
GMP4201 MICROSEMI-GMP4201 Datasheet
133Kb / 2P
   Surface Mount PIN & Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com