Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7213-18ULFSCG Datasheet(PDF) 1 Page - Orister Corporation

Part # RS7213-18ULFSCG
Description  300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7213-18ULFSCG Datasheet(HTML) 1 Page - Orister Corporation

  RS7213-18ULFSCG Datasheet HTML 1Page - Orister Corporation RS7213-18ULFSCG Datasheet HTML 2Page - Orister Corporation RS7213-18ULFSCG Datasheet HTML 3Page - Orister Corporation RS7213-18ULFSCG Datasheet HTML 4Page - Orister Corporation RS7213-18ULFSCG Datasheet HTML 5Page - Orister Corporation RS7213-18ULFSCG Datasheet HTML 6Page - Orister Corporation RS7213-18ULFSCG Datasheet HTML 7Page - Orister Corporation RS7213-18ULFSCG Datasheet HTML 8Page - Orister Corporation RS7213-18ULFSCG Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page No. : 1/9
DS‐RS7213‐02    September, 2009 
www.Orister.com
RS7213 
300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function 
 
General Description 
The  RS7213  series  is  a  low‐dropout  linear  regulator  with  ON/OFF  control  that  operates  in  the  input  voltage  range  from 
+1.8V to +5.5V and delivers 300mA output current. 
 
The fixed output voltage is preset at an internally trimmed voltage 1.8V, 2.5V, or 3.3V. Other options 1.0V, 1.2V, 1.5V, 2.2V, 
3.0V and 3.6V are available by special order only. 
 
The  RS7213  consists  of  a  0.87V  bandgap  reference,  an  error  amplifier,  and  a  P‐channel  pass  transistor.  Other  features 
include short‐circuit protection, thermal shutdown protection, fast respond and fast discharge functions. The RS7213 series 
devices are available in SOT‐25 & SC‐70‐5 packages.
 
Features 
Applications 
● Operating Voltage Range:+1.8V to +5.5V 
● Output Voltages:+0.9V to +5.0V (0.1V Step) 
● Dropout Voltage:90mV@100mA (Typ.) 
● Fast Response in Power‐on Transient:35μS (Typ.) 
● Low Current Consumption:30μA (Typ.) 
● Shutdown Current:0.7μA (Typ.) 
● ±2% Output Voltage Accuracy (special ±1%highly 
accurate), VOUT≧1.8V 
● Low ESR Capacitor Compatible 
● High Ripple Rejection:70dB (Typ.) 
● Output Current Limit Protection:500mA (Typ.) 
● Short Circuit Protection:70mA (Typ.) 
● Thermal Overload Shutdown Protection 
● Control Output ON/OFF Function 
● SOT‐25 & SC‐70‐5 Packages 
● RoHS Compliant and 100% Lead (Pb)‐Freeand Green 
(Halogen Free with Commercial Standard) 
● Battery‐powered equipment 
● Voltage regulator for microprocessor 
● Voltage regulator for LAN cards 
● Wireless Communication equipment 
● Audio/Video equipment 
● Post Regulator for Switching Power 
● Home Electric/Electronic Appliance 
● CDMA/GSM Cellular Handsets 
● Laptop, Palmtops, Notebook Computers 
● Portable Information Application 
Application Circuits 
 
 
 
 
 
 
This  integrated  circuit  can  be  damaged  by  ESD.  Orister  Corporation  recommends  that  all  integrated  circuits  be  handled  with 
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. 
 
ESD  damage  can  range  from  subtle  performance  degradation  to  complete  device  failure.  Precision  integrated  circuits  may  be  more 
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. 


Similar Part No. - RS7213-18ULFSCG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7213-18ULFSCG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com