Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERBRG0R50X Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERBRG0R50X
Description  Micro Chip Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERBRG0R50X Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERBRG0R50X Datasheet HTML 1Page - Panasonic Semiconductor ERBRG0R50X Datasheet HTML 2Page - Panasonic Semiconductor ERBRG0R50X Datasheet HTML 3Page - Panasonic Semiconductor ERBRG0R50X Datasheet HTML 4Page - Panasonic Semiconductor ERBRG0R50X Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
– 390 –
Micro Chip Fuse
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
TT
A
P0
P2
P1
P1
φD0
(2mm pitch)
Pressed
Carrier
Punched
Carrier
W2
W1
φA
φC
100
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
0.0001
0.001
0.01
0.1
10
1
0.1
1
10
Fusing Current (A)
Fusing Current (A)
● 1608 (0603 inch) size
(Type ERBRE)
● 1005 (0402 inch) size
(Type ERBRD)
100
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
Fusing Current (A)
● 3216 (1206 inch) size
(Type ERBRG)
✽ Reference Only
✽ Reference Only
✽ Reference Only
–0
Fusing Characteristics (25 °C typical)
● Carrier Taping
● Taping Reel
Packaging Methods
● Standard Quantity
Type
A
B
W
F
E
ERBRD
0.68
±0.10
1.20
±0.10
8.00
±0.20
3.50
±0.05
1.75
±0.10
ERBRE
1.05
±0.10
1.85
±0.10
ERBRG
2.00
±0.15
3.60
±0.20
Type
Kind of Taping
Pitch (P1)
Quantity
ERBRD
Pressed Carrier Taping
2 mm
10000 pcs./ reel
ERBRE
Punched Carrier Taping
4 mm
5000 pcs./ reel
ERBRG
(Unit : mm)
Type
P1
P2
P0
φD0
T
ERBRD
2.00
±0.10
2.00
±0.05
4.00
±0.10
1.50
+0.10
0.67
±0.07
ERBRE
4.00
±0.10
0.78
±0.07
ERBRG
0.84
±0.07
(Unit : mm)
Type
φA
φN
φCW1
W2
ERBRD
ERBRE
ERBRG
180.0–1.5
60–0
13.0
±0.2
9.0–0
11.4
±1.0
+0
+1.0
+1.0
Sep. 2010
00


Similar Part No. - ERBRG0R50X

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERB-00A ETA-USA-ERB-00A Datasheet
512Kb / 4P
   50 WATT AC-DC CONVERTER
ERB-00B ETA-USA-ERB-00B Datasheet
467Kb / 4P
   50 WATT AC-DC CONVERTER
ERB-FWB ETA-USA-ERB-FWB Datasheet
327Kb / 3P
   50 WATT AC-DC CONVERTER
ERB-HWA ETA-USA-ERB-HWA Datasheet
372Kb / 3P
   60 WATT AC-DC CONVERTER
ERB-HWB ETA-USA-ERB-HWB Datasheet
481Kb / 3P
   60 WATT AC-DC CONVERTER
More results

Similar Description - ERBRG0R50X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERB-SE5R00U PANASONIC-ERB-SE5R00U Datasheet
139Kb / 5P
   micro chip fuse
ERB-SE1R00U PANASONIC-ERB-SE1R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
ERBSE0R25U PANASONIC-ERBSE0R25U Datasheet
239Kb / 5P
   Micro Chip Fuse
ERB-SD3R00U PANASONIC-ERB-SD3R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
logo
List of Unclassifed Man...
CCP2B15 ETC1-CCP2B15 Datasheet
204Kb / 2P
   MICRO FUSE
logo
Bel Fuse Inc.
MS250 BEL-MS250 Datasheet
385Kb / 2P
   Slow Blow Micro Fuse
MQ100 BEL-MQ100 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ100 BEL-MQ100 Datasheet
1Mb / 4P
   QUICK ACTING MICRO FUSE
logo
List of Unclassifed Man...
MS1.5 ETC1-MS1.5 Datasheet
57Kb / 2P
   SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MQ100 BEL-MQ100 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com