Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-C280 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-C280
Description  Miniature ChipLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-C280 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-C280 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-C280 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-C280 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-C280 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-C280 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-C280 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-C280 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-C280 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 7. Recommended Pb-free reflow soldering profile.
Figure 8. Recommended soldering pattern for HSMx-C280.
Figure 9. Reeling orientation.
0.5 (0.02)
0.5
(0.02)
0.5
(0.02)
0.5
(0.02)
Figure 6. Recommended reflow soldering profile.
230°C MAX.
10 SEC. MAX.
4°C/SEC.
MAX.
OVER 2 MIN.
TIME
4°C/SEC. MAX.
140-160°C
–3°C/SEC. M
Figure 10. Reel dimensions.
217°C
200°C
60 - 120 SEC.
6° C/SEC. MAX.
3° C/SEC. MAX.
3°C/SEC. MAX.
150°C
255 - 260 °C
100 SEC. MAX.
(Acc. to J-STD-020C)
10 - 30 SEC.
TIME
10.50 ± 1.0 (0.413 ± 0.039)
59.60 ± 1.00
(2.346 ± 0.039)
Ø 20.20 MIN.
(Ø 0.795 MIN.)
6
PS
178.40 ± 1.00
(7.024 ± 0.039)
3.0 ± 0.5
(0.118 ± 0.020)
4.0 ± 0.5
(0.157 ± 0.020)
5.0 ± 0.5
(0.197 ± 0.020)
Ø 13.1 ± 0.5
(Ø 0.516 ± 0.020)
8.0 ± 1.0 (0.315 ± 0.039)
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
NOTE:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).


Similar Part No. - HSMS-C280

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-C260 HP-HSMS-C260 Datasheet
215Kb / 8P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-C265 AVAGO-HSMS-C265 Datasheet
110Kb / 7P
   Surface Mount Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMS-C265 HP-HSMS-C265 Datasheet
211Kb / 9P
   Surface Mount Chip LEDs
More results

Similar Description - HSMS-C280

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C280 AVAGO-HSMW-C280 Datasheet
383Kb / 8P
   Miniature ChipLED
HSMQ-C280 AVAGO-HSMQ-C280 Datasheet
373Kb / 7P
   Miniature ChipLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
   CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
   TriColor ChipLED
logo
Broadcom Corporation.
HSMR-C170-R0000 BOARDCOM-HSMR-C170-R0000 Datasheet
1Mb / 10P
   Blue ChipLED
logo
OSRAM GmbH
LWQ38E OSRAM-LWQ38E Datasheet
557Kb / 22P
   CHIPLED 0603
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com