Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL408 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # GBL408
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

GBL408 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  GBL408 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd GBL408 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20120305
GBL4005 THRU GBL410
DEVICE CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
1
0.1
10
100
10
100
1,000
0
50
100
150
0
5.0
4.0
3.0
2.0
1.0
1
10
100
0
50
150
100
0
20
40
60
80
100
0.01
0.1
1
10
100
500
0.01
0.1
1
10
100
0.1
1
10
100
Fig. 1 -- Derating Curves Output
Rectified Current
Fig. 2 -- Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
Fig. 4 -- Typical Reverse Leakage
Characteristics Per Leg
Fig. 6 -- Typical Transient Thermal
Impedance Per Leg
Fig. 3 -- Typical Forward Voltage
Characteristics Per Leg
Fig. 5 -- Typical Junction Capacitance
Per Leg
Ambient Temperature (
°C)
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (V)
t, Heating Time (sec.)
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
60 Hz Resistive or Inductive Load
P.C.B. Mounting
0.47 x 0.47" (12 x 12mm)
Copper pads with 0.375"
(9.5mm) lead length
TJ = 25°C
Pulse width = 300
µs
1% Duty Cycle
TJ = TJ max.
Single Sine-Wave
(JEDEC Method)
TJ = 25°C
f = 1.0MHz
Vsig = 50mVp-p
1.0 Cycle
TA = 125°C
TA = 25°C
Heat-Sink Mounting
3.0 x 3.0 x 0.11" Thick
(7.5 x 7.5 x 0.3cm)
Aluminum Plate
50 — 400V
600 — 1000V
50 — 400V
600 — 1000V


Similar Part No. - GBL408

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL408 LRC-GBL408 Datasheet
65Kb / 2P
   Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
Yangzhou yangjie electr...
GBL408 YANGJIE-GBL408 Datasheet
153Kb / 4P
   Bridge Rectifiers
logo
Pan Jit International I...
GBL408 PANJIT-GBL408 Datasheet
47Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
GBL408 MCC-GBL408 Datasheet
220Kb / 3P
   4.0 Amp Glass Passivated Single-Phase Rectifiers 50 to 1000 Volts
logo
Weitron Technology
GBL408 WEITRON-GBL408 Datasheet
222Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results

Similar Description - GBL408

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com