Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS7215-ADDHFSKG Datasheet(PDF) 6 Page - Orister Corporation

Part # RS7215-ADDHFSKG
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7215-ADDHFSKG Datasheet(HTML) 6 Page - Orister Corporation

Back Button RS7215-ADDHFSKG Datasheet HTML 2Page - Orister Corporation RS7215-ADDHFSKG Datasheet HTML 3Page - Orister Corporation RS7215-ADDHFSKG Datasheet HTML 4Page - Orister Corporation RS7215-ADDHFSKG Datasheet HTML 5Page - Orister Corporation RS7215-ADDHFSKG Datasheet HTML 6Page - Orister Corporation RS7215-ADDHFSKG Datasheet HTML 7Page - Orister Corporation RS7215-ADDHFSKG Datasheet HTML 8Page - Orister Corporation RS7215-ADDHFSKG Datasheet HTML 9Page - Orister Corporation RS7215-ADDHFSKG Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page No. : 6/10
DS‐RS7215‐02    September, 2009 
www.Orister.com
Operating Region and Power Dissipation 
Maximum power dissipation of the RS7215 depends on the thermal resistance of the case and circuit board, the temperature 
difference between the die junction and ambient air, and the rate of airflow. The power dissipation across the devices is P = 
IOUT x (VIN‐VOUT). The resulting maximum power dissipation is: 
 
JA
A
J
CA
JC
A
J
MAX
T
T
T
T
P
θ
θ
θ
)
(
)
(
=
+
=
 
 
Where  (TJ‐TA)  is  the  temperature  difference  between  the  RS7215  die  junction  and  the  surrounding  air, θJC  is  the  thermal 
resistance  of  the  package  chosen,  and θCA  is  the  thermal  resistance  through  the  printed  circuit  board,  copper  traces  and 
other materials to the surrounding air. For better heat‐sinking, the copper area should be equally shared between the VIN
VOUT, and GND pins. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the  useful  end‐of‐life  battery  voltage.  The  RS7215  use  a  P‐channel  MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance RDS(ON) multiplied by the load current. 
 
OUT
ON
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
)
(
 
 
 


Similar Part No. - RS7215-ADDHFSKG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7215-ADDHFSKG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com