Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP25005 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # GBP25005
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

GBP25005 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  GBP25005 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd GBP25005 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd GBP25005 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd GBP25005 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20110725
GBPC12,15,25 AND 35 Series
DEVICE CHARACTERISTICS
0
25
50
75 100 125 150 175 200
0
5
10
15
20
25
30
35
40
0
10
2030
40
5060
70
80
90
100
0
5
10
15
20
25
30
35
40
0
10
20
30
40
0
10
20
30
40
50
60
70
80
1
10
100
100
500
FIG. 1 - MAXIMUM OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE, °C
5 x 6 x 4.9”
AL. FINNED PLATE
FIG. 3 - MAXIMUM POWER DISSIPATION
TJ=TJ max.
BRIDGES MOUNTED
on 9 x 3.5 x 4.6”
(22.9 x 8.9 x 11.7cm)
AL. FINNED PLATE
FIG. 2 - MAXIMUM OUTPUT RECTIFIED CURRENT
CAPACITIVE LOAD
60 Hz RESISTIVE
OR INDUCTIVE
LOAD
5 x 4 x 3”
AL. FINNED PLATE
6.0 x 2.2 x 2.2”
AL. FINNED
PLATE
GBPC12
GBPC15
GBPC25
AMBIENT TEMPERATURE, °C
60 HZ RESISTIVE OR
INDUCTIVE LOAD
GBPC25
RthS-A=0.5 °C/W
GBPC15
RthS-A=1.0 °C/W
GBPC12
RthS-A=1.0 °C/W
RthS-A=0.5 °C/W
RESISTIVE
OR
INDUCTIVE
LOAD
AVERAGE OUTPUT CURRENT, AMPERES
GBPC35
GBPC35
FIG. 4 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
GBPC12
GBPC15
GBPC25
GBPC35
NUMBER OF CYCLES AT 60Hz
TJ=TJ max.
0.5Single Sine-Wave
(JEDEC Method)
1.0 CYCLE


Similar Part No. - GBP25005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GBP25 VISHAY-GBP25 Datasheet
203Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
08-Jul-05
More results

Similar Description - GBP25005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com