Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-381B-TR1G Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-381B-TR1G
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-381B-TR1G Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-381B-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Package Dimensions
Outline 23 (SOT-23)
Package Characteristics
Lead Material .................................................... Copper (SOT-323); Alloy 42 (SOT-23)
Lead Finish ......................................................................... Tin 100% (Lead-free option)
Maximum Soldering Temperature ............................................ 260°C for 5 seconds
Minimum Lead Strength........................................................................... 2 pounds pull
Typical Package Inductance ...................................................................................... 2 nH
Typical Package Capacitance .............................................. 0.08 pF (opposite leads)
Outline SOT-323 (SC-70)
Option Descriptions
-BLKG = Bulk, 100 pcs. per antistatic bag
-TR1G = Tape and Reel, 3000 devices per 7" reel
-TR2G = Tape and Reel, 10,000 devices per 13" reel
Tape and Reeling conforms to Electronic Industries RS-481, “Taping of Surface
Mounted Components for Automated Placement.”
Ordering Information
Specify part number followed by option. For example:
HSMP
-
381x -
XXX
Bulk or Tape and Reel Option
Part Number; x = Lead Code
Surface Mount PIN
e
B
e2
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.000
0.30
0.08
2.73
1.15
0.89
1.78
0.45
2.10
0.45
MAX.
1.20
0.100
0.54
0.20
3.13
1.50
1.02
2.04
0.60
2.70
0.69
SYMBOL
A
A1
B
C
D
E1
e
e1
e2
E
L
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.80
0.00
0.15
0.08
1.80
1.10
1.80
0.26
MAX.
1.00
0.10
0.40
0.25
2.25
1.40
2.40
0.46
SYMBOL
A
A1
B
C
D
E1
e
e1
E
L
1.30 typical
0.65 typical


Similar Part No. - HSMP-381B-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-381B-TR1 HP-HSMP-381B-TR1 Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
More results

Similar Description - HSMP-381B-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3810 BOARDCOM-HSMP-3810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3812 BOARDCOM-HSMP-3812 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-481B BOARDCOM-HSMP-481B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-4810 BOARDCOM-HSMP-4810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381B BOARDCOM-HSMP-381B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-381X HP-HSMP-381X Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3813 BOARDCOM-HSMP-3813 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3814 BOARDCOM-HSMP-3814 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381E BOARDCOM-HSMP-381E Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com