Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C75V Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BZX84C75V
Description  Zener Voltage Regulator Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BZX84C75V Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BZX84C75V Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BZX84C75V Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BZX84C75V Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BZX84C75V Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BZX84C75V Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.yeashin.com
2
REV.02 20120403
BZX84C2V4~BZX84C75
BZX84C2V4
Z11
2.4
2.2 2.6
100
50
1
1.7
2.1
600
2.6
3.2
50
-3.5 0
450
BZX84C2V7
Z12
2.7
2.5 2.9
100
20
1
1.9
2.4
600
3
3.6
50
-3.5 0
450
BZX84C3V0
Z13
3
2.8
3.2
95
10
1
2.1
2.7
600
3.3
3.9
50
-3.5 0
450
BZX84C3V3
Z14
3.3
3.1
3.5
95
5
1
2.3
2.9
600
3.6
4.2
40
-3.5 0
450
BZX84C3V6
Z15
3.6
3.4
3.8
90
5
1
2.7
3.3
600
3.9
4.5
40
-3.5 0
450
BZX84C3V9
Z16
3.9
3.7
4.1
90
3
1
2.9
3.5
600
4.1
4.7
30
-3.5 -2.5 450
BZX84C4V3
W9
4.3
4
4.6
90
3
1
3.3
4
600
4.4
5.1
30
- 3.5 0
450
BZX84C4V7
Z1
4.7
4.4
5
80
3
2
3.7
4.7
500
4.5
5.4
15
-3.5 0.2 260
BZX84C5V1
Z2
5.1
4.8
5.4
60
2
2
4.2
5.3
480
5
5.9
15
-2.7 1.2 225
BZX84C5V6
Z3
5.6
5.2
6
40
1
2
4.8
6
400
5.2
6.3
10
-2.0 2.5 200
BZX84C6V2
Z4
6.2
5.8
6.6
10
3
4
5.6
6.6
150
5.8
6.8
6
0.4 3.7 185
BZX84C6V8
Z5
6.8
6.4
7.2
15
2
4
6.3
7.2
80
6.4
7.4
6
1.2 4.5 155
BZX84C7V5
Z6
7.5
7
7.9
15
1
5
6.9
7.9
80
7
8
6
2.5 5.3 140
BZX84C8V2
Z7
8.2
7.7
8.7
15
0.7
5
7.6
8.7
80
7.7
8.8
6
3.2 6.2 135
BZX84C9V1
Z8
9.1
8.5
9.6
15
0.5
6
8.4
9.6
100
8.5
9.7
8
3.8 7.0 130
BZX84C10V
Z9
10
9.4 10.6
20
0.2
7
9.3 10.6
150
9.4 10.7
10
4.5 8.0 130
BZX84C11V
Y1
11
10.4 11.6
20
0.1
8
10.2
11.6
150
10.4 11.8
10
5.4 9.0 130
BZX84C12V
Y2
12
11.4 12.7
25
0.1
8
11.2 12.7
150
11.4 12.9
10
6.0 10.0 130
BZX84C13V
Y3
13
12.4 14.1
30
0.1
8
12.3 14
170
12.5 14.2
15
7.0 11.0 120
BZX84C15V
Y4
15
13.8 15.6
30
0.05 10.5 13.7 15.5
200
13.9 15.7
20
9.2 13.0 110
BZX84C16V
Y5
16
15.3 17.1
40
0.05 11.2 15.2 17
200
15.4 17.2
20
10.4 14.0 105
BZX84C18V
Y6
18
16.8 19.1
45
0.05 12.6 16.7 19
225
16.9 19.2
20
12.4 16.0 100
BZX84C20V
Y7
20
18.8 21.2
55
0.05 14
18.7 21.1
225
18.9 21.4
20
14.4 18.0
85
BZX84C22V
Y8
22
20.8 23.3
55
0.05 15.4 20.7 23.2
250
20.9 23.4
25
16.4 20.0
85
BZX84C24V
Y9
24
22.8 25.6
70
0.05 16.8 22.7 25.5
250
22.9 25.7
25
18.4 22.0
80
BZX84C27V
Y10
27
25.1 28.9
80
0.05 18.9 25
28.9
300
25.2 29.3
45
21.4 25.3
70
BZX84C30V
Y11
30
28
32
80
0.05 21
27.8 32
300
28.1 32.4
50
24.4 29.4
70
BZX84C33V
Y12
33
31
35
80
0.05 23.1 30.8 35
325
31.1 35.4
55
27.4 33.4
70
BZX84C36V
Y13
36
34
38
90
0.05 25.2 33.8 38
350
34.1 38.4
60
30.4 37.4
70
BZX84C39V
Y14
39
37
41
130
0.05 27.3 36.7 41
350
37.1 41.5
70
33.4 41.2
45
BZX84C43V
Y15
43
40
46
150
0.05 30.1 39.7 46
375
40.1 46.5
80
37.6 46.6
40
BZX84C47V
Y16
47
44
50
170
0.05 32.9 43.7 50
375
44.1 50.5
90
42.0 51.8
40
BZX84C51V
Y17
51
48
54
180
0.05 35.7 47.6 54
400
48.1 54.6
100
46.6 57.2
40
BZX84C56V
Y18
56
52
60
200
0.05 39.2 51.5 60
425
52.1 60.8
110
52.2 63.8
40
BZX84C62V
Y19
62
58
66
215
0.05 43.4 57.4 66
450
58.2 67
120
58.8 71.6
35
BZX84C68V
Y20
68
64
72
240
0.05 47.6 63.4 72
475
64.2 73.2
130
65.6 79.8
35
BZX84C75V
Y21
75
70
79
255
0.05 52.5 69.4 79
500
70.3 80.2
140
73.4 88.6
35
NOTES: 1. Zener voltage is measured with a pulse test current (I
Z ) applied at an ambient temperature of 25°C.
NOTES: 2. The zener impedance, Z ZT2 , for the 27 through 75 volt types is tested at 0.5 mA rather than the test
current of 0.1 mA used for V Z2 .
Zener Voltage
Vz1(Volts)
@IZT1=5mA
(Note 1)
Max
Zener
Imped-
ance
Z
ZT1
(Ohms)
@I
ZT1=5mA
Max
Reverse
Leakage
Current
Zener Voltage
V
Z2 (Volts)
@I
ZT2 =1mA
(Note1)
Max
Zener
Impedance
Z
ZT2
(Ohms)
@I
ZT2=5mA
Zener
Voltage
Vz1(Volts)
@IZT1=5mA
(Note 1)
Max
Zener
Imped-
ance
Z
ZT3
(Ohms)
@I
ZT3=20mA
d
VZ /dt
(mv/k)
@iZT1=5mA
CpF
Max
@VR=0
f=1MHz
Nom
Min Max
I
R
V
R
µµµµµA
@
Volts
Min
Max
Max
Max
Min
Min
Marking
Type
Number
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-NC, 3-Cathode) (V F =0.9V Max @ I F =10 mA for all types)


Similar Part No. - BZX84C75V

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX84C75V CDIL-BZX84C75V Datasheet
111Kb / 4P
   SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results

Similar Description - BZX84C75V

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
   Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84CXXXLT1G LRC-LBZX84CXXXLT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com