Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHE1260-QAG Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHE1260-QAG
Description  10-27GHz Bidirectionnal Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHE1260-QAG Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHE1260-QAG_10 Datasheet HTML 4Page - United Monolithic Semiconductors CHE1260-QAG_10 Datasheet HTML 5Page - United Monolithic Semiconductors CHE1260-QAG_10 Datasheet HTML 6Page - United Monolithic Semiconductors CHE1260-QAG_10 Datasheet HTML 7Page - United Monolithic Semiconductors CHE1260-QAG_10 Datasheet HTML 8Page - United Monolithic Semiconductors CHE1260-QAG_10 Datasheet HTML 9Page - United Monolithic Semiconductors CHE1260-QAG_10 Datasheet HTML 10Page - United Monolithic Semiconductors CHE1260-QAG_10 Datasheet HTML 11Page - United Monolithic Semiconductors CHE1260-QAG_10 Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CHE1260-QAG
10-27GHz Detector
Ref. : DSCHE1260QAG0200 - 19 Jul 10
8/14
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Incident and reflective power detection versus incident power @ 22GHz
(Vdetect_I & Vdetect_R)
Incident and reflective power detection versus incident power @ 27GHz
(Vdetect_I & Vdetect_R)
20
5 000
Incident
Reflective
Incident
Reflective
20
5 000


Similar Part No. - CHE1260-QAG_10

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1260-QAG UMS-CHE1260-QAG_15 Datasheet
712Kb / 14P
   10-27GHz Bidirectionnal Detector
More results

Similar Description - CHE1260-QAG_10

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1260-QAG UMS-CHE1260-QAG_15 Datasheet
712Kb / 14P
   10-27GHz Bidirectionnal Detector
CHE1260 UMS-CHE1260 Datasheet
704Kb / 8P
   10-27GHz Bidirectionnal Detector
CHE1260 UMS-CHE1260_15 Datasheet
585Kb / 10P
   10-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG Datasheet
785Kb / 10P
   12-27GHz Bidirectionnal Detector
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
logo
Sensortechnics GmbH
50190401 SENSORTECHNICS-50190401 Datasheet
226Kb / 2P
   10 mm짼 PIN detector
logo
United Monolithic Semic...
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com