Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHE1260-QAG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHE1260-QAG
Description  10-27GHz Bidirectionnal Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHE1260-QAG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHE1260-QAG Datasheet HTML 2Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 3Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 9Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CHE1260-QAG
10-27GHz Detector
Ref. : DSCHE1260QAG0200 - 19 Jul 10
6/14
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Measured Performance: Notes
The CHE1260-QAG is a bidirectionnal detector using a symmetrical bidirectionnal coupler.
Therefore the incident power detection versus incident power is identical to the reflective
power detection versus reflected power.
The reflective power detection versus incident power depends on both the coupler directivity
and the reflective environment of the package.
The following typical measured performances are obtained for a packaged detector,
assembled on a connectorized board.


Similar Part No. - CHE1260-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1260-QAG UMS-CHE1260-QAG Datasheet
785Kb / 10P
   12-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG Datasheet
712Kb / 14P
   10-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG_15 Datasheet
712Kb / 14P
   10-27GHz Bidirectionnal Detector
More results

Similar Description - CHE1260-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1260-QAG UMS-CHE1260-QAG_15 Datasheet
712Kb / 14P
   10-27GHz Bidirectionnal Detector
CHE1260 UMS-CHE1260 Datasheet
704Kb / 8P
   10-27GHz Bidirectionnal Detector
CHE1260 UMS-CHE1260_15 Datasheet
585Kb / 10P
   10-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG Datasheet
785Kb / 10P
   12-27GHz Bidirectionnal Detector
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
logo
Sensortechnics GmbH
50190401 SENSORTECHNICS-50190401 Datasheet
226Kb / 2P
   10 mm짼 PIN detector
logo
United Monolithic Semic...
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com