Electronic Components Datasheet Search |
|
EETEE2W121JJ Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EETEE2W121JJ Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 3 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ EE 1.5 ±0.2 2.0 max. Terminal (t=0.8) 4.0 ±0.5 Top of spin Standard terminal type does not require terminal trimming process L+2.0 max. (10.0) 10. 0±0.1 2- φ2.0±0.1 Sleeve Vent Polarity bar Recommended PWB piercing plan Rated voltage etc. indicate to sleeve. 0.8 +0.2 –0.1 ( φD) ■ Features ● Endurance : 105 °C 3000 h ● Miniaturize (Maximum Ripple Current) Low profile ● RoHS directive compliant Snap-in Type Series: EE Type: TS ■ Specifications ■ Dimensions in mm (not to scale) ✽ A formula to calculate estimated lifetime of TS-EE Series is different from other series. Please contact us. Category Temp. Range –40 °C to +105 °C –25 °C to +105 °C Rated W.V. Range 200 V.DC, 250 V.DC 400 V.DC, 450 V.DC Nominal Cap. Range 220 µF to 1800 µF 75 µF to 560 µF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current 3 CV (µA) max. After 5 minutes application of rated working voltage at +20 °C C : Capacitance (µF) V: W.V. (V.DC) tan δ Please see the attached standard products list Frequency Correction Factor for Ripple Current Frequency (Hz) 50 60 100 120 500 1 k 10 k to 200V.DC, 250V.DC 0.75 0.80 0.95 1.00 1.20 1.25 1.30 400V.DC, 450V.DC 0.75 0.80 0.95 1.00 1.20 1.25 1.40 Endurance After 3000 hours application of DC voltage with specified ripple current ( < rated DC working voltage) at +105 °C±2 °C, the capacitors shall meet the following limits. Capacitance change < ±20 % of initial measured value tan δ < 200 % of initial specified value DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C within no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) (mm) Jul. 2008 |
Similar Part No. - EETEE2W121JJ |
|
Similar Description - EETEE2W121JJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |