Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHE1270-QAG21 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHE1270-QAG21
Description  5-44GHz Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHE1270-QAG21 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHE1270-QAG21 Datasheet HTML 1Page - United Monolithic Semiconductors CHE1270-QAG21 Datasheet HTML 2Page - United Monolithic Semiconductors CHE1270-QAG21 Datasheet HTML 3Page - United Monolithic Semiconductors CHE1270-QAG21 Datasheet HTML 4Page - United Monolithic Semiconductors CHE1270-QAG21 Datasheet HTML 5Page - United Monolithic Semiconductors CHE1270-QAG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHE1270-QAG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHE1270-QAG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHE1270-QAG21 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5-44GHz Detector
CHE1270-QAG
Ref. : DSCHE1270-QAG0329 - 25 Nov 10
3/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
VDC
Bias voltage
6
V
P_max
Maximum Power
18
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.


Similar Part No. - CHE1270-QAG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1270-QAG UMS-CHE1270-QAG Datasheet
438Kb / 8P
   12-40GHz Wide Band Detector
CHE1270-QAG UMS-CHE1270-QAG Datasheet
326Kb / 12P
   5-44GHz Detector
CHE1270-QAG/20 UMS-CHE1270-QAG/20 Datasheet
438Kb / 8P
   12-40GHz Wide Band Detector
CHE1270-QAG/21 UMS-CHE1270-QAG/21 Datasheet
438Kb / 8P
   12-40GHz Wide Band Detector
CHE1270-QAG UMS-CHE1270-QAG_15 Datasheet
326Kb / 12P
   5-44GHz Detector
More results

Similar Description - CHE1270-QAG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1270A98F UMS-CHE1270A98F_15 Datasheet
128Kb / 8P
   5-44GHz Detector
CHE1270-QAG UMS-CHE1270-QAG_15 Datasheet
326Kb / 12P
   5-44GHz Detector
CHE1270A98F UMS-CHE1270A98F Datasheet
209Kb / 8P
   5-44GHz Detector
CHR2299-99F UMS-CHR2299-99F_15 Datasheet
409Kb / 12P
   40-44GHz Down converter
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG Datasheet
475Kb / 12P
   36-44GHz Variable Attenuator
CHR2299-99F UMS-CHR2299-99F Datasheet
398Kb / 12P
   40-44GHz Down converter
CHT4699-99F UMS-CHT4699-99F Datasheet
474Kb / 12P
   36-44GHz Variable Attenuator
CHU2299-99F UMS-CHU2299-99F_15 Datasheet
387Kb / 12P
   40-44GHz Up converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com