Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-4-NIL-5V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # S-4-NIL-5V
Description  4 AMP POLARIZED HIGH DENSITY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S-4-NIL-5V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  S-4-NIL-5V Datasheet HTML 1Page - Panasonic Semiconductor S-4-NIL-5V Datasheet HTML 2Page - Panasonic Semiconductor S-4-NIL-5V Datasheet HTML 3Page - Panasonic Semiconductor S-4-NIL-5V Datasheet HTML 4Page - Panasonic Semiconductor S-4-NIL-5V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
219
S-RELAYS
4 AMP POLARIZED HIGH
DENSITY RELAY WITH HIGH
SENSITIVITY
mm inch
28.0
1.102
12.0
.472
10.4
.409
FEATURES
• A variety of contact arrangements 2
Form A 2 Form B, 3 Form A 1 Form B,
4 Form A
• Latching types available
• High sensitivity in small size 100 mW
pick-up and 200 mW nominal operat-
ing power
• High shock and vibration resistance
Shock: 50 G Vibration: 10 to 55 Hz at
double amplitude of 3 mm
• Wide switching range From 100
µA
100 mV DC to 4 A 250 V AC
• Low thermal electromotive force Ap-
prox. 3
µV
• Dual-In-Line packaging arrangement
SPECIFICATIONS
Contacts
Coil (polarized) (at 20
°C 68°F)
Characteristics (at 25
°C 77°F 50% Relative humidity)
Arrangement
2 Form A 2 Form B,
3 Form A 1 Form B,
4 Form A
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Initial contact pressure
Approx. 12 g .42 oz
Initial contact bounce, max.
1 ms
Contact material
Gold clad silver alloy
Electrostatic capacitance
Approx. 3pF
Thermal electromotive force
(at nominal coil voltage)
Approx. 3
µV
Rating
(resistive)
Nominal switching capacity
4 A 250 V AC, 3 A 30 V DC
Maximum switching power
1,000 VA, 90 W
Maximum switching voltage
250 V AC, 30 V DC
(48 VDC at less than 0.5 A)
Max. switching current
4 A (AC), 3 A (DC)
Min. switching capacity**1
100
µA 100 m V DC
Expected
life (min.
operations)
Mechanical (at 50 cps)
108
Electrical
(at 20 cpm)
4 A 250 V AC
105
3 A 30 V DC
2
× 105
Single side
stable
Minimum operating power
Approx. 100 mW
Nominal operating power
Approx. 200 mW
Latching
Minimum set and reset
Approx. 100 mW
Nominal set and reset
Approx. 200 mW
Max. operating speed
20 cpm for maximum load,
50 cps for low-level load
(1 mA 1 V DC)
Initial insulation resistance*1
10,000 M
at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
750 Vrms
Between contact sets
1,000 Vrms
Between contacts and
coil
1,500 Vrms
Operate time*3
(at nominal voltage)(at 20
°C)
Max. 15 ms (Approx. 8 ms)
Release time (without diode)*3
(at nominal voltage)(at 20
°C)
Max. 10 ms (Approx. 5 ms)
Set time*3 (latching)
(at nominal voltage)(at 20
°C)
Max. 15 ms (Approx. 8 ms)
Reset time*3 (latching)
(at nominal voltage)(at 20
°C)
Max. 15 ms (Approx. 8 ms)
Initial contact bounce, max.
1 ms
Temperature rise
(at nominal voltage)(at 20
°C)
Max. 35
°C with nominal coil
voltage and at maximum
switching current
Shock resistance
Functional*4
Min. 490 m/s2 {50 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration resistance
Functional*6
176.4 m/s2 {18 G}, 10 to 55 Hz
at double amplitude of 3 mm
Destructive
235.2 m/s2 {24 G}, 10 to 55 Hz
at double amplitude of 4 mm
Conditions for operation,
transport and storage*7
(Not freezing and condens-
ing at low temperature)
Ambient
temp.
–40
°C to +65°C
–40
°F to +149°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 8 g .28 oz
Notes:
**1 This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the
actual load.
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage "section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 61).
TYPICAL APPLICATIONS
Telecommunications equipment, data processing equipment,
facsimiles, alarm equipment, measuring equipment.


Similar Part No. - S-4-NIL-5V

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-4-1/2 COOPER-S-4-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-4-1/2 EATON-S-4-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-4-10 COOPER-S-4-10 Datasheet
22Kb / 1P
   Plug Fuses 125 Volt, 1??0 Amp 125 Volt, 1.30 Amp
logo
List of Unclassifed Man...
S-4-C-5-G ETC2-S-4-C-5-G Datasheet
148Kb / 1P
   S 4 PROBE AND RECEPTACLE
S-4-H-7-G ETC2-S-4-H-7-G Datasheet
148Kb / 1P
   S 4 PROBE AND RECEPTACLE
More results

Similar Description - S-4-NIL-5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
TK1-1.5V NAIS-TK1-1.5V Datasheet
86Kb / 5P
   ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com