Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZJZRV270PAM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EZJZRV270PAM
Description  Multilayer Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZRV270PAM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EZJZRV270PAM Datasheet HTML 1Page - Panasonic Semiconductor EZJZRV270PAM Datasheet HTML 2Page - Panasonic Semiconductor EZJZRV270PAM Datasheet HTML 3Page - Panasonic Semiconductor EZJZRV270PAM Datasheet HTML 4Page - Panasonic Semiconductor EZJZRV270PAM Datasheet HTML 5Page - Panasonic Semiconductor EZJZRV270PAM Datasheet HTML 6Page - Panasonic Semiconductor EZJZRV270PAM Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Multilayer Varistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Type
Part Numbers
L
W
T
BW
BW1
P
2 Array Type EZJZS11111A 1.37±0.15
1.0±0.1
0.60±0.06
0.36±0.10
0.2±0.1
0.64±0.10
4 Array Type EZJZR11111A 2.00±0.15
1.25±0.15
0.85±0.10
0.25±0.10
0.2
0.5±0.1
Size
Maximum
Varistor
Capacitance
Maximum
Maximum
Type
Code
Prat Numbers
Allowable
Voltage
@ 1MH z
Peak Current
ESD
(EIA)
Voltage
@ 1mA
@8/20 µs
IEC61000-4-2
EZJZSV120JA
DC 6.7 V
12 V
220 pF max.
5 A
EZJZSV270RA
DC 16 V
27 V
20 pF max.
3 A
2 Array Type
0504 EZJZSV270EA
DC 16 V
27 V
47 pF max.
5 A
EZJZSV800AA
DC 18 V
80 V
3 pF max.
ÑÑÑ
Contact Discharge
EZJZSV171AA
DC 18 V
170 V
3 pF max.
ÑÑÑ
Voltage: 8 kV
EZJZRV120JA
DC 6.7 V
12 V
220 pF max.
5 A
Air Gap Discharge
EZJZRV270RA
DC 16 V
27 V
20 pF max.
3 A
Voltage:15 kV
4 Array Type
0805 EZJZRV270EA
DC 16 V
27 V
47 pF max.
5 A
EZJZRV800AA
DC 18 V
80 V
3 pF max.
ÑÑÑ
EZJZRV171AA
DC 18 V
170 V
3 pF max.
ÑÑÑ
Size
Maximum
Varistor
Capacitance
Maximum
Maximum
Type
Code
Prat Numbers
Allowable
Voltage
@ 1MH z
Peak Current
ESD
(EIA)
Voltage
@ 1mA
@8/20 µs
IEC61000-4-2
EZJZSV270DA
1
27 pF
Contact Discharge
2 Array Capacitance
EZJZSV270PA
1
33 pF
Voltage: 8 kV
Control Type
0504 EZJZSV270SA1 DC 16 V
27 V
39 pF
5 A
Air Gap Discharge
EZJZSV270TA
1
43 pF
Voltage:15 kV
EZJZSV270EA
1
47 pF
+0.3
-0.1
EZJZV171AA
EZJZV800AA
EZJZV270
A
EZJZV120JA
0.01
0.001
0.1
1
10
100
0.0001
Current (A)
0.00001
0.000001
1000
100
10
1
L
[2 Array Type]
[4 Array Type]
L
P
P
BW
BW
(Unit:mm)
n Dimmension in mm(not to scale)
n Typical Characteristics
l Voltage vs. Current
n Ratings and Characteristics
l Operating Temperature Range: -40 to 85 ¡C
l 1:Capacitance Tolerance Code (K:±10 %, M:±20 %)


Similar Part No. - EZJZRV270PAM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
6Mb / 67P
   Service Manual
2014
EZJZ0V171AA PANASONIC-EZJZ0V171AA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
More results

Similar Description - EZJZRV270PAM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com