Electronic Components Datasheet Search |
|
ECJ3FF1C475Z Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ECJ3FF1C475Z Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 6 page – EC3 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(High Capacitance) Packaging Style Code Size Thickness Packaging Styles 0402 0603 0805 1206 T=0.5 T=0.8 T=0.85 T=1.25 T=0.85 T=1.15 T=1.6 E φ180 reel Paper taping (Pitch : 2 mm) 10,000 —————— V Paper taping (Pitch : 4 mm) —4,000 4,000 — 4,000 — — F Embossed taping (Pitch : 4 mm) ——— 3,000 — 3,000 — Y— ————— 2,000 ■ Packaging Styles and Standard Packaging Quantities Quantity : pcs./reel Temperature Characteristic Code Temperature Characteristics Capacitance Change Measurement Temperature Range Reference Temperature B, X B±10 % –25 to 85 °C 20 °C X7R ±15 % –55 to 125 °C 25 °C X5R ±15 % –55 to 85 °C 25 °C F F+30, –80 % –25 to 85 °C 20 °C Y5V +22, –82 % –30 to 85 °C 25 °C ■ Temperature Characteristics ● Class 2 For applicable “Temperature Characteristics”, see the lists of standard products on page 6 to 7. ■ Rated Voltage Code 1H 1E 1C 1A 0J Rated Voltage DC 50 V DC 25 V DC 16 V DC 10 V DC 6.3 V ■ Nominal Capacitance Ex. 105 225106 226 Nominal Capacitance 1,000,000 pF (1 µF) 2,200,000 pF (2.2 µF) 10,000,000 pF (10 µF) 22,000,000 pF (22 µF) ■ Capacitance Tolerance Class Temperature Characteristics Capacitance Tolerance Code Capacitance Tolerance 2 B, X7R, X5R K±10 % M±20 % F, Y5V Z +80, –20 % φ330 reel and Bulk case Type : Please contact us. 02 Dec. 2008 |
Similar Part No. - ECJ3FF1C475Z |
|
Similar Description - ECJ3FF1C475Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |