Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-2-L-6V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # S-2-L-6V
Description  4 AMP POLARIZED HIGH DENSITY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S-2-L-6V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  S-2-L-6V Datasheet HTML 1Page - Panasonic Semiconductor S-2-L-6V Datasheet HTML 2Page - Panasonic Semiconductor S-2-L-6V Datasheet HTML 3Page - Panasonic Semiconductor S-2-L-6V Datasheet HTML 4Page - Panasonic Semiconductor S-2-L-6V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S
221
Schematic (Bottom view)
Single side stable
Deenergized position
2a2b
3a1b
4a
123456
12
11
10
9
8
7
-
+
123456
12
11
10
9
8
7
-
+
123456
12
11
10
9
8
7
-
+
2 coil latching
iagram shows the "reset"
osition when terminals 6
nd 7 are energized.
nergize terminals 1 and
2 to transfer contacts.
2a2b
3a1b
4a
123456
12
11
10
9
8
7
Set
Reset
-
+
-
+
-
Set
Reset
+
123456
12
11
10
9
8
7
-
+
-
Set
Reset
+
123456
12
11
10
9
8
7
-
+
4.-(1) Coil temperature rise
Tested Sample: S4-24V, 4 Form A
4.-(2) Coil temperature rise
Tested Sample: S4-24V, 4 Form A
5.-(1) Operate and release time
(Single side stable type)
Tested Sample: S4-24V, 10pcs
4A
0A
100
0.2
0.4
0.6
0.8
1.0
1.2
90
80
70
60
50
40
30
20
10
0
Coil operating power, W
100
1
2
3456
90
80
70
60
50
40
30
20
10
0
Coil operating
power, 0.2 W
Contact current, A
Min.
Max.
Min.
Max.
Min.
Max.
80
100
120
140
20
18
16
14
12
10
8
6
4
2
0
Coil applied voltage, %V
Release time (with diode)
Operate time
Release time
REFERENCE DATA
1. Maximum switching power
2. Life curve
3. Contact reliability
Condition: 1V DC, 1mA
Detection level 10
Tasted Sample: S4-24V, 10pcs
100
1,000
10
0.1
1
10
Contact current, A
DC resistive load
AC resistive load
1,000
500
100
50
30
10
01
2
3
45
Contact current, A
125 V AC
(cos
ϕ = 1.0)
250 V AC
(cos
ϕ = 1.0)
99.9
99.0
95.0
0.1
1.0
10.0
0.2
0.5
1.0
2.0
5.0
10.0
30.0
50.0
70.0
No. of operations,
×10
7
m = 1.6
µ: 79 million time
σ: 51 million time
95% reliability limit:
14.6 million times
(weibul probability paper)


Similar Part No. - S-2-L-6V

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-2-1/2 COOPER-S-2-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-2-1/2 EATON-S-2-1/2 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-2-1/4 COOPER-S-2-1/4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-2-1/4 EATON-S-2-1/4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-2-8/10 COOPER-S-2-8/10 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
More results

Similar Description - S-2-L-6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
TK1-1.5V NAIS-TK1-1.5V Datasheet
86Kb / 5P
   ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com