Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2826T1S Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPA2826T1S
Description  N-channel MOSFET 20 V, 27 A, 4.3 mA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2826T1S Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPA2826T1S Datasheet HTML 1Page - Renesas Technology Corp UPA2826T1S Datasheet HTML 2Page - Renesas Technology Corp UPA2826T1S Datasheet HTML 3Page - Renesas Technology Corp UPA2826T1S Datasheet HTML 4Page - Renesas Technology Corp UPA2826T1S Datasheet HTML 5Page - Renesas Technology Corp UPA2826T1S Datasheet HTML 6Page - Renesas Technology Corp UPA2826T1S Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
μPA2826T1S
R07DS0989EJ0100 Rev.1.00
Page 5 of 6
Dec 25, 2012
SWITCHING CHARACTERISTICS
DYNAMIC INPUT CHARACTERISTICS
10
100
1000
0.1
1
10
100
VDD = 10V
VGS = 4.0V
RG = 10Ω
td(on)
tr
td(off)
tf
ID - Drain Current - A
0
1
2
3
4
0
1020
304050
VDD=4V
ID=15.8A
16V
27A
10V
27A
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
Pulsed
VGS=8V
0V
2.5V
4.5V
VF(S-D) - Source to Drain Voltage - V


Similar Part No. - UPA2826T1S

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UPA2820T1S DOINGTER-UPA2820T1S Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT to minimize on-state resistance
logo
Renesas Technology Corp
UPA2820T1S RENESAS-UPA2820T1S Datasheet
196Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 25, 2012
UPA2820T1S-E2-AT RENESAS-UPA2820T1S-E2-AT Datasheet
196Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 25, 2012
UPA2821T1L RENESAS-UPA2821T1L Datasheet
150Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 25, 2012
UPA2821T1L-E1-AT RENESAS-UPA2821T1L-E1-AT Datasheet
150Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 25, 2012
More results

Similar Description - UPA2826T1S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMR290UNE NXP-PMR290UNE Datasheet
194Kb / 16P
   20 V, 700 mA N-channel Trench MOSFET
Rev. 1-13 September 2011
logo
Nexperia B.V. All right...
PMR290UNE NEXPERIA-PMR290UNE Datasheet
472Kb / 17P
   20 V, 700 mA N-channel Trench MOSFET
Rev. 1 - 13 September 2011
PMDT290UNE NEXPERIA-PMDT290UNE Datasheet
270Kb / 14P
   20 V, 800 mA dual N-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
PMDT290UNE PHILIPS-PMDT290UNE Datasheet
186Kb / 16P
   20 V, 800 mA dual N-channel Trench MOSFET
Rev. 1-13 September 2011
PMDT290UNE PHILIPS-PMDT290UNE_15 Datasheet
186Kb / 16P
   20 V, 800 mA dual N-channel Trench MOSFET
Rev. 1-13 September 2011
logo
Nexperia B.V. All right...
PMGD290UCEA NEXPERIA-PMGD290UCEA Datasheet
788Kb / 21P
   20 / 20 V, 725 / 500 mA N/P-channel Trench MOSFET
logo
NXP Semiconductors
PMGD290UCEA PHILIPS-PMGD290UCEA_15 Datasheet
365Kb / 21P
   20 / 20 V, 725 / 500 mA N/P-channel Trench MOSFET
28 March 2014
logo
Nexperia B.V. All right...
PMDT290UCE NEXPERIA-PMDT290UCE Datasheet
334Kb / 20P
   20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
PMDT290UCE NXP-PMDT290UCE Datasheet
255Kb / 20P
   20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
Rev. 1-6 October 2011
logo
Fairchild Semiconductor
FDD86252 FAIRCHILD-FDD86252 Datasheet
178Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 27 A, 52 m
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com