Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2765T1A-E2-AY Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPA2765T1A-E2-AY
Description  N-channel MOSFET 30 V, 100 A, 1.3 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2765T1A-E2-AY Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPA2765T1A-E2-AY Datasheet HTML 1Page - Renesas Technology Corp UPA2765T1A-E2-AY Datasheet HTML 2Page - Renesas Technology Corp UPA2765T1A-E2-AY Datasheet HTML 3Page - Renesas Technology Corp UPA2765T1A-E2-AY Datasheet HTML 4Page - Renesas Technology Corp UPA2765T1A-E2-AY Datasheet HTML 5Page - Renesas Technology Corp UPA2765T1A-E2-AY Datasheet HTML 6Page - Renesas Technology Corp UPA2765T1A-E2-AY Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
μPA2765T1A
R07DS0882EJ0102 Rev.1.02
Page 3 of 6
Nov 28, 2012
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS SAFE
OPERATING AREA
FORWARD BIAS SAFE OPERATING AREA
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
TC - Case Temperature - °C
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
ID(pulse)=256A
Tc=25°C
Single Pulse
PW
=20
0us
1m
s
10m
s
100
ms
RD
S(o
n)L
im
ite
d
VG
S=
10
V
Power Dissipation Limited
VDS - Drain to Source Voltage – V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Rth(ch-A) : Mounted on a glass expoxy board (25.4mm x 25.4mm 0.8 mmt)
Single pulse
Rth(ch-A) = 83.3 °C/W
Rth(ch-C = 1.5 °C/W
PW - Pulse Width - s
DRAIN CURRENT(DC) vs. CASE TEMPERATURE
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
0
25
50
75
100
125
150
0
25
50
75
100
125
150
175
TC - Case Temperature - °C
0
50
100
150
200
250
300
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VGS=10V
Pulsed
VGS=4.5V
VDS - Drain to Source Voltage - V
100
μ
1 m
10 m
100 m
1
10
100
1000


Similar Part No. - UPA2765T1A-E2-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2761UGR RENESAS-UPA2761UGR Datasheet
207Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2761UGR-E1-AT RENESAS-UPA2761UGR-E1-AT Datasheet
207Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2761UGR-E2-AT RENESAS-UPA2761UGR-E2-AT Datasheet
207Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2762UGR RENESAS-UPA2762UGR Datasheet
207Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2762UGR-E1-AT RENESAS-UPA2762UGR-E1-AT Datasheet
207Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - UPA2765T1A-E2-AY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB86102LZ FAIRCHILD-FDB86102LZ Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 24 m廓
FDB3860 FAIRCHILD-FDB3860 Datasheet
303Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 37 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
logo
NXP Semiconductors
PSMN1R1-30EL PHILIPS-PSMN1R1-30EL_15 Datasheet
257Kb / 13P
   N-channel 30 V 1.3 m廓 logic level MOSFET in I2PAK
2 April 2014
PSMN1R3-30YL NXP-PSMN1R3-30YL Datasheet
221Kb / 14P
   N-channel 30 V 1.3 m廓 logic level MOSFET in LFPAK
Rev. 02-25 June 2009
logo
ON Semiconductor
NVMJS1D3N04C ONSEMI-NVMJS1D3N04C Datasheet
361Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 1.3 m, 235 A
July, 2019 ??Rev. 1
NVMJS1D4N06CL ONSEMI-NVMJS1D4N06CL Datasheet
376Kb / 7P
   MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
October, 2019 ??Rev. 0
logo
Nexperia B.V. All right...
PSMN1R1-30EL NEXPERIA-PSMN1R1-30EL Datasheet
745Kb / 13P
   N-channel 30 V 1.3 m廓 logic level MOSFET in I2PAK
logo
ON Semiconductor
NTMJS1D4N06CL ONSEMI-NTMJS1D4N06CL Datasheet
374Kb / 7P
   MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
November, 2019-Rev. 0
NTTFS030N10G ONSEMI-NTTFS030N10G Datasheet
278Kb / 8P
   MOSFET - Power, Single N-Channel, u8FL 100 V, 30 m, 35 A
July, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com