Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWF4204ML Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWF4204ML
Description  Metallized polyoropylene Film Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4204ML Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWF4204ML Datasheet HTML 1Page - Panasonic Semiconductor ECWF4204ML Datasheet HTML 2Page - Panasonic Semiconductor ECWF4204ML Datasheet HTML 3Page - Panasonic Semiconductor ECWF4204ML Datasheet HTML 4Page - Panasonic Semiconductor ECWF4204ML Datasheet HTML 5Page - Panasonic Semiconductor ECWF4204ML Datasheet HTML 6Page - Panasonic Semiconductor ECWF4204ML Datasheet HTML 7Page - Panasonic Semiconductor ECWF4204ML Datasheet HTML 8Page - Panasonic Semiconductor ECWF4204ML Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC53−
Plastic Film Capacitors
■Rating, Dimensions& Quantity/Ammo Box
Type ECWF(L) Rated voltage : 630 VDC
Part No.
Cap.
(µF)
ECWF6103ML( )
ECWF6113ML( )
ECWF6123ML( )
ECWF6133ML( )
ECWF6153ML( )
ECWF6163ML( )
ECWF6183ML( )
ECWF6203ML( )
ECWF6223ML( )
ECWF6243ML( )
ECWF6273ML( )
ECWF6303ML( )
ECWF6333ML( )
ECWF6363ML( )
ECWF6393ML( )
ECWF6433ML( )
ECWF6473ML( )
ECWF6513ML( )
ECWF6563ML( )
ECWF6623ML( )
ECWF6683ML( )
ECWF6753ML( )
ECWF6823ML( )
ECWF6913ML( )
ECWF6104ML( )
ECWF6114ML( )
ECWF6124ML( )
ECWF6134ML( )
ECWF6154ML( )
ECWF6164ML( )
ECWF6184ML( )
ECWF6204ML( )
ECWF6224ML( )
ECWF6244ML( )
ECWF6274ML( )
ECWF6304ML( )
ECWF6334ML( )
ECWF6364ML( )
ECWF6394ML( )
ECWF6434ML( )
ECWF6474ML( )
ECWF6514ML( )
ECWF6564ML( )
ECWF6624ML( )
ECWF6684ML( )
ECWF6754ML( )
ECWF6824ML( )
ECWF6914ML( )
ECWF6105ML( )
ECWF6115ML( )
ECWF6125ML( )
ECWF6135ML( )
0.010
0.011
0.012
0.013
0.015
0.016
0.018
0.020
0.022
0.024
0.027
0.030
0.033
0.036
0.039
0.043
0.047
0.051
0.056
0.062
0.068
0.075
0.082
0.091
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.33
0.36
0.39
0.43
0.47
0.51
0.56
0.62
0.68
0.75
0.82
0.91
1.0
1.1
1.2
1.3
Dimensions (mm)
L max
T max
H max
Straight Crimped lead
F
Straight
S
Crimped lead
ød
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
13.0
13.0
13.0
13.0
13.0
13.0
15.5
15.5
15.5
15.5
15.5
15.5
15.5
15.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
20.5
20.5
20.5
20.5
20.5
20.5
20.5
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
5.2
5.4
5.5
5.6
5.9
6.0
6.2
6.5
6.2
6.4
6.6
6.9
7.1
7.3
7.6
7.9
6.4
6.6
6.8
7.1
7.4
7.7
8.0
8.3
7.7
8.0
8.3
8.5
9.1
9.3
9.8
10.3
10.8
11.2
10.4
10.9
11.4
11.9
12.4
13.0
13.5
11.1
11.6
12.1
12.7
13.3
13.9
14.6
15.5
16.3
17.0
17.6
8.0
8.2
8.3
8.5
8.7
8.9
9.1
9.3
9.0
9.2
9.5
9.7
10.0
10.2
10.4
10.7
10.8
11.0
11.2
11.5
11.8
12.1
12.4
12.7
12.1
12.4
12.7
13.0
13.5
13.8
14.2
14.7
15.5
15.9
16.7
17.2
17.7
18.5
19.0
19.5
20.1
17.3
17.8
18.7
19.3
19.9
20.5
21.2
22.3
23.0
23.7
24.4
13.0
13.2
13.3
13.5
13.7
13.9
14.1
14.3
14.0
14.2
14.5
14.7
15.0
15.2
15.4
15.7
15.8
16.0
16.2
16.5
16.8
17.1
17.4
17.7
17.1
17.4
17.7
18.0
18.5
18.8
19.1
19.7
20.5
20.9
21.7
22.2
22.7
23.5
24.0
24.5
25.1
22.3
22.8
23.7
24.3
24.9
25.5
26.2
27.3
28.0
28.7
29.4
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
17.5
17.5
17.5
17.5
17.5
17.5
17.5
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1200
1100
1000
900
800
500
400
300
200
300
200
–––
Suffix for lead crimped
Capacitance tolerance code
▲▲
500
Min. order Q'ty
Bulk
Taping
7.5mm
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
53


Similar Part No. - ECWF4204ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4204ML PANASONIC-ECWF4204ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4204ML PANASONIC-ECWF4204ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4204ML PANASONIC-ECWF4204ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4204MLB PANASONIC-ECWF4204MLB Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4204MLL PANASONIC-ECWF4204MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4204ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECQ-E4104KFZ PANASONIC-ECQ-E4104KFZ Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
logo
Panasonic Semiconductor
ECQ-E1105JF PANASONIC-ECQ-E1105JF Datasheet
373Kb / 20P
   Metallized Polyester Film Capacitor
ECQ-E6473KZ PANASONIC-ECQ-E6473KZ Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com