Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA1M0565R Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA1M0565R
Description  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0565R Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA1M0565R Datasheet HTML 1Page - Fairchild Semiconductor KA1M0565R Datasheet HTML 2Page - Fairchild Semiconductor KA1M0565R Datasheet HTML 3Page - Fairchild Semiconductor KA1M0565R Datasheet HTML 4Page - Fairchild Semiconductor KA1M0565R Datasheet HTML 5Page - Fairchild Semiconductor KA1M0565R Datasheet HTML 6Page - Fairchild Semiconductor KA1M0565R Datasheet HTML 7Page - Fairchild Semiconductor KA1M0565R Datasheet HTML 8Page - Fairchild Semiconductor KA1M0565R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KA1M0565R/KA1H0565R
2
Absolute Maximum Ratings
Notes:
1. Tj=25
°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature
3. L=30mH, VDD=50V, RG= 27
Ω, starting Tj=25°C
Parameter
Symbol
Value
Unit
Maximum Drain voltage (1)
VD,MAX
650
V
Drain Gate voltage (RGS=1M
Ω)VDGR
650
V
Gate-source (GND) voltage
VGS
±30
V
Drain current pulsed (2)
IDM
20
ADC
Single pulsed avalanche energy (3)
EAS
230
mJ
Continuous drain current (TC=25
°C)
ID
5.0
ADC
Continuous drain current (TC=100
°C)
ID
3.5
ADC
Maximum Supply voltage
VCC,MAX
30
V
Input voltage range
VFB
−0.3 to VSD
V
Total power dissipation
PD
140
W
Derating
1.11
W/
°C
Operating ambient temperature
TA
−25 to +85
°C
Storage temperature
TSTG
−55 to +150
°C


Similar Part No. - KA1M0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0565R-TU FAIRCHILD-KA1M0565R-TU Datasheet
94Kb / 10P
   Precision fixed operating frequency, Internal thermal shutdown function
KA1M0565R-TU FAIRCHILD-KA1M0565R-TU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0565R-YDTU FAIRCHILD-KA1M0565R-YDTU Datasheet
94Kb / 10P
   Precision fixed operating frequency, Internal thermal shutdown function
KA1M0565R-YDTU FAIRCHILD-KA1M0565R-YDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0565RTU FAIRCHILD-KA1M0565RTU Datasheet
94Kb / 10P
   Precision fixed operating frequency, Internal thermal shutdown function
More results

Similar Description - KA1M0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com