Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2762UGR-E1-AT Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPA2762UGR-E1-AT
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2762UGR-E1-AT Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPA2762UGR-E1-AT Datasheet HTML 1Page - Renesas Technology Corp UPA2762UGR-E1-AT Datasheet HTML 2Page - Renesas Technology Corp UPA2762UGR-E1-AT Datasheet HTML 3Page - Renesas Technology Corp UPA2762UGR-E1-AT Datasheet HTML 4Page - Renesas Technology Corp UPA2762UGR-E1-AT Datasheet HTML 5Page - Renesas Technology Corp UPA2762UGR-E1-AT Datasheet HTML 6Page - Renesas Technology Corp UPA2762UGR-E1-AT Datasheet HTML 7Page - Renesas Technology Corp UPA2762UGR-E1-AT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
μ PA2762UGR
Chapter Title
R07DS0011EJ0100 Rev.1.00
Page 5 of 6
Jun 01, 2010
DYNAMIC INPUT CHARACTERISTICS
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0
1
2
3
4
5
6
7
01
2
3
45
67
8
ID = 12 A
VDD = 24 V
15 V
6 V
QG - Gate Charge - nC
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
Pulsed
VGS = 10 V
0 V
VF(S-D) - Source to Drain Voltage - V


Similar Part No. - UPA2762UGR-E1-AT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2761UGR RENESAS-UPA2761UGR Datasheet
207Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2761UGR-E1-AT RENESAS-UPA2761UGR-E1-AT Datasheet
207Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2761UGR-E2-AT RENESAS-UPA2761UGR-E2-AT Datasheet
207Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2763 RENESAS-UPA2763 Datasheet
245Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
UPA2763T1A-E1-AY RENESAS-UPA2763T1A-E1-AY Datasheet
245Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - UPA2762UGR-E1-AT

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com