Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS2-H-24V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # TXS2-H-24V
Description  New pin layout (LT type) added
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2-H-24V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  TXS2-H-24V Datasheet HTML 1Page - Panasonic Semiconductor TXS2-H-24V Datasheet HTML 2Page - Panasonic Semiconductor TXS2-H-24V Datasheet HTML 3Page - Panasonic Semiconductor TXS2-H-24V Datasheet HTML 4Page - Panasonic Semiconductor TXS2-H-24V Datasheet HTML 5Page - Panasonic Semiconductor TXS2-H-24V Datasheet HTML 6Page - Panasonic Semiconductor TXS2-H-24V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TX-S
TYPES
1. Standard PC board terminal
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2. Self-clinching terminal
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
3. Surface-mount terminal
1) Tube packing
: For each surface-mounted terminal identification, input the following letter. SA type: A, SL type: L, SS type: S
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2) Tape and reel packing
: For each surface-mounted terminal identification, input the following letter. SA type: A, SL type: L, SS type: S
Standard packing: Tape and reel: 500 pcs.; Case: 1,000 pcs.
Notes: 1. Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3/4-pin side) is also available.
2. Please add “-1” to the end of the part number for AgPd contacts (low level load). (Ex. TXS2SA-1.5V-1-Z)
RATING
1. Coil data
1) Single side stable
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TXS2-1.5V
TXS2-L-1.5V
TXS2-L2-1.5V
TXS2-LT-1.5V
3V DC
TXS2-3V
TXS2-L-3V
TXS2-L2-3V
TXS2-LT-3V
4.5V DC
TXS2-4.5V
TXS2-L-4.5V
TXS2-L2-4.5V
TXS2-LT-4.5V
6V DC
TXS2-6V
TXS2-L-6V
TXS2-L2-6V
TXS2-LT-6V
9V DC
TXS2-9V
TXS2-L-9V
TXS2-L2-9V
TXS2-LT-9V
12V DC
TXS2-12V
TXS2-L-12V
TXS2-L2-12V
TXS2-LT-12V
24V DC
TXS2-24V
TXS2-L-24V
TXS2-L2-24V
TXS2-LT-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TXS2-H-1.5V
TXS2-L-H-1.5V
TXS2-L2-H-1.5V
TXS2-LT-H-1.5V
3V DC
TXS2-H-3V
TXS2-L-H-3V
TXS2-L2-H-3V
TXS2-LT-H-3V
4.5V DC
TXS2-H-4.5V
TXS2-L-H-4.5V
TXS2-L2-H-4.5V
TXS2-LT-H-4.5V
6V DC
TXS2-H-6V
TXS2-L-H-6V
TXS2-L2-H-6V
TXS2-LT-H-6V
9V DC
TXS2-H-9V
TXS2-L-H-9V
TXS2-L2-H-9V
TXS2-LT-H-9V
12V DC
TXS2-H-12V
TXS2-L-H-12V
TXS2-L2-H-12V
TXS2-LT-H-12V
24V DC
TXS2-H-24V
TXS2-L-H-24V
TXS2-L2-H-24V
TXS2-LT-H-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TXS2S -1.5V
TXS2S -L-1.5V
TXS2S -L2-1.5V
TXS2S -LT-1.5V
3V DC
TXS2S -3V
TXS2S -L-3V
TXS2S -L2-3V
TXS2S -LT-3V
4.5V DC
TXS2S -4.5V
TXS2S -L-4.5V
TXS2S -L2-4.5V
TXS2S -LT-4.5V
6V DC
TXS2S -6V
TXS2S -L-6V
TXS2S -L2-6V
TXS2S -LT-6V
9V DC
TXS2S -9V
TXS2S -L-9V
TXS2S -L2-9V
TXS2S -LT-9V
12V DC
TXS2S -12V
TXS2S -L-12V
TXS2S -L2-12V
TXS2S -LT-12V
24V DC
TXS2S -24V
TXS2S -L-24V
TXS2S -L2-24V
TXS2S -LT-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TXS2S -1.5V-Z
TXS2S -L-1.5V-Z
TXS2S -L2-1.5V-Z
TXS2S -LT-1.5V-Z
3V DC
TXS2S -3V-Z
TXS2S -L-3V-Z
TXS2S -L2-3V-Z
TXS2S -LT-3V-Z
4.5V DC
TXS2S -4.5V-Z
TXS2S -L-4.5V-Z
TXS2S -L2-4.5V-Z
TXS2S -LT-4.5V-Z
6V DC
TXS2S -6V-Z
TXS2S -L-6V-Z
TXS2S -L2-6V-Z
TXS2S -LT-6V-Z
9V DC
TXS2S -9V-Z
TXS2S -L-9V-Z
TXS2S -L2-9V-Z
TXS2S -LT-9V-Z
12V DC
TXS2S -12V-Z
TXS2S -L-12V-Z
TXS2S -L2-12V-Z
TXS2S -LT-12V-Z
24V DC
TXS2S -24V-Z
TXS2S -L-24V-Z
TXS2S -L2-24V-Z
TXS2S -LT-24V-Z
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
80%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
33.3mA
45
50mW
150%V of
nominal voltage
3V DC
16.7mA
180
4.5V DC
11.1mA
405
6V DC
8.3mA
720
9V DC
5.6mA
1,620
12V DC
4.2mA
2,880
24V DC
2.9mA
8,229
70mW
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - TXS2-H-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-1.5V PANASONIC-TXS2-1.5V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-12V PANASONIC-TXS2-12V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-24V PANASONIC-TXS2-24V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-3V PANASONIC-TXS2-3V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-4.5V PANASONIC-TXS2-4.5V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TXS2-H-24V

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2604-TT-R PUI-AI-2604-TT-R Datasheet
215Kb / 1P
   ADDED PIN LAYOUT AND IDENTIFICATION
logo
STMicroelectronics
AN821 STMICROELECTRONICS-AN821 Datasheet
40Kb / 4P
   NEW LAYOUT INSULATION REQUIREMENT
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-3V PANASONIC-TXS2-3V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Omron Electronics LLC
M7E01DRP2 OMRON-M7E01DRP2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
   LT SERIES
logo
Projects Unlimited, Inc...
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
   ADDED TERMINAL POLARITY
logo
Weidmuller
0205700000 WEIDMULLER-0205700000 Datasheet
532Kb / 1P
   SAKT 1/LT SAKT 2/LT
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com