Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1E822JA Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EETHC1E822JA
Description  Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1E822JA Datasheet(HTML) 8 Page - Panasonic Semiconductor

  EETHC1E822JA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1E822JA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1E822JA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1E822JA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1E822JA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1E822JA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1E822JA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1E822JA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
390
30 x 45
1.55
2.17
0.468
0.210
30 x 50
1.55
2.17
0.468
0.210
35 x 35
1.55
2.17
0.468
0.210
35 x 40
1.55
2.17
0.468
0.210
470
30 x 50
1.74
2.44
0.388
0.175
35 x 40
1.74
2.44
0.388
0.175
35 x 45
1.74
2.44
0.388
0.175
560
35 x 50
1.90
2.66
0.326
0.147
38
Part numbers shown with 2 pins and 4.0mm length terminals
EETHC2W391KF
EETHC2W391KC
EETHC2W391KA
EETHC2W391KJ
EETHC2W391LF
EETHC2W391LC
EETHC2W391LA
EETHC2W391LJ
EETHC2W471KF
EETHC2W471KC
EETHC2W471LF
EETHC2W471LC
EETHC2W471LA
EETHC2W471LJ
EETHC2W561LA
EETHC2W561LJ
Size (mm)
Max 105°C R.C. (Arms)
20°C ESR ( , max.)
Panasonic Part Number (By Sleeving Style)
D x L
PVC with Top Plate
PET without Top Plate
450 VDC Working, 500 VDC Surge (continued)


Similar Part No. - EETHC1E822JA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1E822JA PANASONIC-EETHC1E822JA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EETHC1E822JA PANASONIC-EETHC1E822JA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
More results

Similar Description - EETHC1E822JA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
   RoHS compliant (VE versions)
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
TT Electronics.
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com