Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEJL1ED336R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEJL1ED336R
Description  Tantalum Solid Electrolytic Capacitors/TE-L
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEJL1ED336R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEJL1ED336R Datasheet HTML 1Page - Panasonic Semiconductor EEJL1ED336R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tantalum Solid Electrolytic Capacitors/TE-L
LxWxH
(mm)
(pcs)
(V)
(µF)
(µA)
I
L.C
Case Size
Specification
Cap.
(±20%)
W.V.
Standard Products
Part No.
Q'ty
Taping
Size
Code
ESR
(100kHz)
D.F.
(120Hz)
(+20
°C)
Ripple
current
(100kHz)
(+20
°C)
(mA)
Min. Packaging
(
Ω)
16
6.3
100
220
330
100
150
220
47
100
150
33
47
10
15
33
10
15
22
33
6.8
10
15
22
6.0x3.2x2.5
7.3x4.3x2.8
7.3x4.3x2.8
6.0x3.2x2.5
7.3x4.3x2.8
7.3x4.3x2.8
6.0x3.2x2.5
7.3x4.3x2.8
7.3x4.3x2.8
6.0x3.2x2.5
7.3x4.3x2.8
6.0x3.2x2.5
6.0x3.2x2.5
7.3x4.3x2.8
6.0x3.2x2.5
7.3x4.3x2.8
7.3x4.3x2.8
7.3x4.3x2.8
6.0x3.2x2.5
7.3x4.3x2.8
7.3x4.3x2.8
7.3x4.3x2.8
C
D
D
C
D
D
C
D
D
C
D
C
C
D
C
D
D
D
C
D
D
D
0.08
0.12
0.14
0.08
0.08
0.12
0.06
0.08
0.10
0.06
0.06
0.06
0.06
0.06
0.06
0.06
0.06
0.08
0.06
0.06
0.06
0.08
4.0
8.8
13.2
6.3
9.5
13.9
4.7
10.0
15.0
5.3
7.6
2.0
3.0
6.6
2.5
3.8
5.5
8.3
2.4
3.5
5.3
7.7
0.30
0.10
0.10
0.30
0.10
0.10
0.40
0.10
0.10
0.40
0.15
0.45
0.45
0.20
0.45
0.25
0.20
0.20
0.60
0.30
0.30
0.30
606
1225
1225
606
1225
1225
524
1225
1225
524
1000
494
494
866
494
775
866
866
428
707
707
866
EEJL0GC107R
EEJL0GD227R
EEJL0GD337R
EEJL0JC107R
EEJL0JD157R
EEJL0JD227R
EEJL1AC476R
EEJL1AD107R
EEJL1AD157R
EEJL1CC336R
EEJL1CD476R
EEJL1DC106R
EEJL1DC156R
EEJL1DD336R
EEJL1EC106R
EEJL1ED156R
EEJL1ED226R
EEJL1ED336R
EEJL1VC685R
EEJL1VD106R
EEJL1VD156R
EEJL1VD226R
750
750
750
750
750
750
750
750
750
750
750
750
750
750
750
750
750
750
750
750
750
750
4
10
20
25
35


Similar Part No. - EEJL1ED336R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
EEJL1ED336R NICHICON-EEJL1ED336R Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EEJL1ED336R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECST0GY475R PANASONIC-ECST0GY475R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors TE
ECS-T1AD107R PANASONIC-ECS-T1AD107R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
ECS-T1AY225R PANASONIC-ECS-T1AY225R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
ECS-T1DC106R PANASONIC-ECS-T1DC106R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com