Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUED2D820S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUED2D820S
Description  Aluminum Electrolytic Capacitors ED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUED2D820S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUED2D820S Datasheet HTML 1Page - Panasonic Semiconductor EEUED2D820S Datasheet HTML 2Page - Panasonic Semiconductor EEUED2D820S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ ED
– EE199 – sn –
φD±0.5
φd±0.05
Sleeve
14 min.
3 min.
L
±2.0
Pressure
relief
+
Radial Lead Type
Series:
ED
Type:
A
Dimensions in mm (not to scale)
Ripple current Frequency Coefficient
Body Dia.
φD10
12.5
16
18
Lead Dia.
φd0.6
0.6
0.8
0.8
Lead space F
5.0
5.0
7.5
7.5
(mm)
✽Propose EE series for New design
Specifications
Category Temp. Range
–25 °C to +105 °C
Rated W.V. Range
160 V .DC to 450 V .DC
Nominal Cap. Range10 µF to 330 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.06 CV +10 (µA) After 2 minutes application of rated working voltage at +20 °C
tan
δ
Please see the attached standard products list
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The
sum of DC and ripple peak voltage shall not exceed the rated working voltage),when the
capacitors are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration :
φ10=8000 hours,
φ12.5 to φ18=10000 hours
Capacitance change ±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Frequency
(Hz)
Cap.(µF)
50
< f < 120
120
< f < 300
300
< f < 1 k
1 k
< f < 10 k 10 k < f < 30 k 30 k < f <100 k
Cap. < 100 µF
0.30
0.40
0.55
0.70
0.90
1.00
100 µF
< Cap.
0.35
0.45
0.60
0.75
0.90
1.00
[mm]
Features
● High ripple current (at high frequency)
● Endurance : 105 °C 8000 h to 10000 h
● Including low profile products (20 mm height)
● RoHS directive compliant
Oct. 2010
02


Similar Part No. - EEUED2D820S

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EEUED2D820S PANASONICBATTERY-EEUED2D820S Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
Panasonic Semiconductor
EEUED2D820S PANASONIC-EEUED2D820S Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D820S PANASONIC-EEUED2D820S Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D820S PANASONIC-EEUED2D820S Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D820SB PANASONIC-EEUED2D820SB Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EEUED2D820S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EET-ED2W471EA PANASONIC-EET-ED2W471EA Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com