Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVHD1V221P Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEVHD1V221P
Description  SMT Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVHD1V221P Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEVHD1V221P Datasheet HTML 1Page - Panasonic Semiconductor EEVHD1V221P Datasheet HTML 2Page - Panasonic Semiconductor EEVHD1V221P Datasheet HTML 3Page - Panasonic Semiconductor EEVHD1V221P Datasheet HTML 4Page - Panasonic Semiconductor EEVHD1V221P Datasheet HTML 5Page - Panasonic Semiconductor EEVHD1V221P Datasheet HTML 6Page - Panasonic Semiconductor EEVHD1V221P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
37
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
SMT Aluminum Electrolytic Capacitors
×Ò
ÖÒ
ÕÒ
ÔÒ
ÓÒ
Ò
ÓÒ
ÔÒ
ØÒ
ÖÒ
ÔÒ
Ò
ÔÒ
ÖÒ
ØÒ
ÚÒ
ÓÒÒ
ÓÔÒ
Temperature (
ºC)
EEVHD1A101P (10V100µF, ø8x6.2)
EEVHD1E470P (25V 47µF, ø8x6.2)
EEVHD1V330P (35V 33µF, ø8x6.2)
EEVHD1H220P (50V 22µF, ø8x6.2)
Ò
ÓÒÒ
ÔÒÒ
ÕÒÒ
ÖÒÒ
×ÒÒ
ØÒÒ
ØÒ
ÖÒ
ÔÒ
Ò
ÔÒ
ÖÒ
ØÒ
ÚÒ
ÓÒÒ
ÓÔÒ
Temperature (
ºC)
EEVHD1A101P (10V 100µF, ø8x6.2)
EEVHD1E470P (25V 47µF, ø8x6.2)
EEVHD1V330P (35V 33µF, ø8x6.2)
EEVHD1H220P (50V 22µF, ø8x6.2
-50
-40
-30
-20
-10
0
10
20
-60
-40
-20
0
20
40
60
80
100
120
Temperature (
ºC)
EEVHD1A331P (10V 330µF, ø10x10.2)
EEVHD1C221P (16V 220µF, ø10x10.2)
EEVHD1V101P (35V100µF, ø10x10.2)
EEVHD1H470P (50V 47µF, ø10x10.2)
0
100
200
300
400
500
600
-60
-40
-20
0
20
40
60
80
100
120
Temperature (
ºC)
EEVHD1A331P (10V 330µF, ø10x10.2)
EEVHD1C221P (16V 220µF, ø10x10.2)
EEVHD1V101P (35V 100µF, ø10x10.2)
EEVHD1H470P (50V 47µF, ø10x10.2
[ Temperature Characteristics
] Diameter ø8x6.2
❍ Capacitance
❍ D.F.
❍ D.F.
❍ Capacitance
] Diameter ø10x10.2
at 120Hz
at 120Hz
at 120Hz
at 120Hz


Similar Part No. - EEVHD1V221P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVHD1V221P PANASONIC-EEVHD1V221P Datasheet
39Kb / 2P
   Aluminum Electrolytic Capacitor/HD
More results

Similar Description - EEVHD1V221P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA101UP PANASONIC-ECE-V1EA101UP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1JA101P PANASONIC-ECE-V1JA101P Datasheet
276Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
   SMT Aluminum Electrolytic Capacitors
EEV-FC1E330P PANASONIC-EEV-FC1E330P Datasheet
860Kb / 7P
   SMT Aluminum Electrolytic Capacitors
ECE-V2AA330P PANASONIC-ECE-V2AA330P Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com