Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2738GR Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPA2738GR
Description  P-channel MOSFET ??0 V, ??0 A, 15 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2738GR Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPA2738GR Datasheet HTML 1Page - Renesas Technology Corp UPA2738GR Datasheet HTML 2Page - Renesas Technology Corp UPA2738GR Datasheet HTML 3Page - Renesas Technology Corp UPA2738GR Datasheet HTML 4Page - Renesas Technology Corp UPA2738GR Datasheet HTML 5Page - Renesas Technology Corp UPA2738GR Datasheet HTML 6Page - Renesas Technology Corp UPA2738GR Datasheet HTML 7Page - Renesas Technology Corp UPA2738GR Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
μPA2738GR
R07DS0870EJ0100 Rev.1.00
Page 5 of 6
Aug 28, 2012
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
-0
-5
-10
-15
-20
-25
0
10203040
-0
-2
-4
-6
-8
-10
ID = –10 A
VDD = – 24 V
– 12 V
– 6 V
VGS
VDS
QG - Gate Charge - nC
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Pulsed
VGS = –10 V
0 V
–4.5 V
VF(S-D) - Source to Drain Voltage - V


Similar Part No. - UPA2738GR

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UPA2738GR-E1-AT VBSEMI-UPA2738GR-E1-AT Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
UPA2738GR-E1-AX RENESAS-UPA2738GR-E1-AX Datasheet
330Kb / 7P
   P-channel MOSFET
UPA2738GR-E2-AX RENESAS-UPA2738GR-E2-AX Datasheet
330Kb / 7P
   P-channel MOSFET
UPA2738GR RENESAS-UPA2738GR_16 Datasheet
330Kb / 7P
   P-channel MOSFET
More results

Similar Description - UPA2738GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2812T1L RENESAS-UPA2812T1L Datasheet
173Kb / 7P
   P-channel MOSFEF ??0 V, ??0 A, 4.8 m廓
UPA2814T1S RENESAS-UPA2814T1S Datasheet
167Kb / 7P
   P-channel MOSFET ??0 V, ??4 A, 7.8 m廓
UPA2816T1S RENESAS-UPA2816T1S Datasheet
148Kb / 7P
   P-channel MOSFET ??0 V, ??7 A, 15.5 m廓
UPA2813T1L RENESAS-UPA2813T1L Datasheet
192Kb / 7P
   P-channel MOSFET ??0 V, ??7 A, 6.2 m廓
logo
Texas Instruments
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
logo
ON Semiconductor
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
   Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
   Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
logo
Texas Instruments
CSD25484F4 TI-CSD25484F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD25484F4 ??0 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com