Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3693-QDG21 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR3693-QDG21
Description  21-26.5GHz Integrated Down converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3693-QDG21 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR3693-QDG21 Datasheet HTML 1Page - United Monolithic Semiconductors CHR3693-QDG21 Datasheet HTML 2Page - United Monolithic Semiconductors CHR3693-QDG21 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3693-QDG21 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3693-QDG21 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3693-QDG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3693-QDG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3693-QDG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3693-QDG21 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
21-26.5GHz Integrated Down converter
CHR3693-QDG
Ref. : DSCHR3693QDG2181 - 29 Jun 12
3/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Device thermal performances
All the figures given in this section are obtained assuming that the QFN device is cooled
down only by conduction through the package thermal pad (no convection mode considered).
The temperature is monitored at the package back-side interface (Tcase) as shown below.
The system maximum temperature must be adjusted in order to guarantee that Tcase
remains below than the maximum value specified in the next table. So, the system PCB must
be designed to comply with this requirement.
A derating must be applied on the dissipated power if the Tcase temperature can not be
maintained below than the maximum temperature specified (see the curve Pdiss. Max) in
order to guarantee the nominal device life time (MTTF).
Recommended max. junction temperature (Tj max)
:
124 °C
Junction temperature absolute maximum rating
:
175 °C
Max. continuous dissipated power (Pdiss. Max.)
:
0.64 W
=> Pdiss. Max. derating above Tcase
(1)= 85
°C :
16 mW/°C
Junction-Case thermal resistance (Rth J-C)
(2)
:
<60 °C/W
Minimum Tcase operating temperature
(3)
:
-40 °C
Maximum Tcase operating temperature
(3)
:
85 °C
Minimum storage temperature
:
-55 °C
Maximum storage temperature
:
150 °C
(1) Derating at junctio n temperature co nstant = Tj max.
(2) Rth J-C is calculated fo r a wo rst case co nsidering the ho t t e s t junc t io n
o f the M M IC and all the devices biased.
(3) Tcase=P ackage back side temperature measured under the die-attach-pad (see the drawing belo w).
6.4
DEVICE THERMAL SPECIFICATION : Product name
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-50
-25
0
25
50
75
100
125
150
Tcase (°C)
Pdiss. Max. @Tj <Tj max (W)
Tcase
Example: QFN 16L 3x3
Location of temeprature
reference point (Tcase)
on package's bottom side
Example : QFN 16L 3x3
Location of temperature
reference point (Tcase)
on package’s bottom side


Similar Part No. - CHR3693-QDG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
CHR3693-QDG UMS-CHR3693-QDG Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
More results

Similar Description - CHR3693-QDG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-99F UMS-CHR3693-99F_15 Datasheet
460Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693 UMS-CHR3693 Datasheet
254Kb / 6P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
CHA5197A UMS-CHA5197A Datasheet
287Kb / 6P
   21-26.5GHz Medium Power Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com