Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWF6183ML Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECWF6183ML
Description  Metallized polyoropylene Film Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF6183ML Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECWF6183ML Datasheet HTML 2Page - Panasonic Semiconductor ECWF6183ML Datasheet HTML 3Page - Panasonic Semiconductor ECWF6183ML Datasheet HTML 4Page - Panasonic Semiconductor ECWF6183ML Datasheet HTML 5Page - Panasonic Semiconductor ECWF6183ML Datasheet HTML 6Page - Panasonic Semiconductor ECWF6183ML Datasheet HTML 7Page - Panasonic Semiconductor ECWF6183ML Datasheet HTML 8Page - Panasonic Semiconductor ECWF6183ML Datasheet HTML 9Page - Panasonic Semiconductor ECWF6183ML Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Applicable Specifications
Frequency(kHz)
ECWF(L) Type 630VDC series
* Please consult Panasonic if your condition exceeds the above
*The current(0-P) value is calculated using nominal capacitance.
*When you use this product, peak voltage must not exceed DC rated voltage.
Current Derating by Temperature
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
(Metallized Polypropylene Film)
Capacitor surface temperature (°C)
0
1
2
3
4
5
6
7
8
9
10
60
70
80
90
100
110
Self-temperature rise by Temperature
Capacitor surface temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
60
70
80
90
100
110
Permissible Current
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current(0-P)
(A)
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current(0-P)
(A)
0.01
103
561
5.6
0.12
124
249
29.9
0.012
123
561
6.7
0.15
154
249
37.4
0.015
153
561
8.4
0.18
184
249
44.8
0.018
183
561
10.1
0.22
224
249
54.8
0.022
223
451
9.9
0.27
274
216
58.3
0.027
273
451
12.2
0.33
334
216
71.3
0.033
333
451
14.9
0.39
394
216
84.2
0.039
393
451
17.6
0.47
474
216
101.5
0.047
473
332
15.6
0.56
564
131
73.4
0.056
563
332
18.6
0.68
684
131
89.1
0.068
683
332
22.6
0.82
824
131
107.4
0.082
823
332
27.2
1.00
105
131
131.0
0.10
104
249
24.9
1.20
125
131
157.2
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
10
100
1000
1.3µF
1.0µF
0.68µF
0.47µF
0.33µF
0.22µF
0.15µF
0.10µF
0.068µF
0.047µF
0.033µF
0.022µF
0.015µF
0.01µF


Similar Part No. - ECWF6183ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF6183 PANASONIC-ECWF6183 Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF6183ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECQ-E4104KFZ PANASONIC-ECQ-E4104KFZ Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
logo
Panasonic Semiconductor
ECQ-E1105JF PANASONIC-ECQ-E1105JF Datasheet
373Kb / 20P
   Metallized Polyester Film Capacitor
ECQ-E6473KZ PANASONIC-ECQ-E6473KZ Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com