Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADJ44005 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ADJ44005
Description  1-pole/2-pole 16A polarized power relays Variety of contact arrangements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADJ44005 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ADJ44005 Datasheet HTML 1Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 2Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 3Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 4Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 5Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 6Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 7Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 8Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DJ (ADJ)
ASCTB176E 201202-T
TYPES
1. Without a test button
1) Flux-resistant type
Standard packing: Carton: 100 pcs.; Case: 500 pcs.
Contact arrangement
Nominal coil voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
1 Form C
5V DC
ADJ15005
ADJ11005
ADJ13005
6V DC
ADJ15006
ADJ11006
ADJ13006
12V DC
ADJ15012
ADJ11012
ADJ13012
24V DC
ADJ15024
ADJ11024
ADJ13024
48V DC
ADJ15048
ADJ11048
ADJ13048
1 Form A
5V DC
ADJ25005
ADJ21005
ADJ23005
6V DC
ADJ25006
ADJ21006
ADJ23006
12V DC
ADJ25012
ADJ21012
ADJ23012
24V DC
ADJ25024
ADJ21024
ADJ23024
48V DC
ADJ25048
ADJ21048
ADJ23048
1 Form B
5V DC
ADJ35005
Please use 1 Form A.
Please use 1 Form A.
6V DC
ADJ35006
12V DC
ADJ35012
24V DC
ADJ35024
48V DC
ADJ35048
1 Form A 1 Form B
5V DC
ADJ45005
ADJ41005
ADJ43005
6V DC
ADJ45006
ADJ41006
ADJ43006
12V DC
ADJ45012
ADJ41012
ADJ43012
24V DC
ADJ45024
ADJ41024
ADJ43024
48V DC
ADJ45048
ADJ41048
ADJ43048
2 Form C
5V DC
ADJ55005
ADJ51005
ADJ53005
6V DC
ADJ55006
ADJ51006
ADJ53006
12V DC
ADJ55012
ADJ51012
ADJ53012
24V DC
ADJ55024
ADJ51024
ADJ53024
48V DC
ADJ55048
ADJ51048
ADJ53048
2 Form A
5V DC
ADJ65005
ADJ61005
ADJ63005
6V DC
ADJ65006
ADJ61006
ADJ63006
12V DC
ADJ65012
ADJ61012
ADJ63012
24V DC
ADJ65024
ADJ61024
ADJ63024
48V DC
ADJ65048
ADJ61048
ADJ63048
2 Form B
5V DC
ADJ75005
Please use 2 Form A.
Please use 2 Form A.
6V DC
ADJ75006
12V DC
ADJ75012
24V DC
ADJ75024
48V DC
ADJ75048


Similar Part No. - ADJ44005

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
TAITRON Components Inco...
ADJ TAITRON-ADJ Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ceramate Technical
ADJ-B CERAMATE-ADJ-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
TAITRON Components Inco...
ADJ-LD1117A50 TAITRON-ADJ-LD1117A50 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ferroxcube Internationa...
ADJ-P14 FERROXCUBE-ADJ-P14 Datasheet
58Kb / 1P
   P cores and accessories
More results

Similar Description - ADJ44005

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Fujitsu Component Limit...
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
logo
TE Connectivity Ltd
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com