Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3794-QDG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR3794-QDG
Description  37-40GHz Integrated Down converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3794-QDG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR3794-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHR3794-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3794-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3794-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3794-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3794-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3794-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3794-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3794-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
37-40GHz Down Converter
CHR3694-QDG
Ref.: DSCHR3694-QDG1192 - 11 Jul 11
3/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
VDL,VDX
Maximum drain bias voltage
4.5
V
Idl + Idx
Maximum drain bias current
200
mA
VGM,VGX
Gate bias voltage
-2.0 to +0
V
VGC
Control gain voltage
-3.0 to +4
V
P_RF
Maximum RF input power
10
dBm
P_LO
Maximum LO input power
10
dBm
Tch
Maximum channel temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.


Similar Part No. - CHR3794-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3762-QDG UMS-CHR3762-QDG Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3762-QDG20 UMS-CHR3762-QDG20 Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3762-QDG21 UMS-CHR3762-QDG21 Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
   12-16GHz Integrated Down Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
More results

Similar Description - CHR3794-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com