Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA5012 Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHA5012
Description  X Band Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5012 Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHA5012_10 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5012_10 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5012_10 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5012_10 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5012_10 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5012_10 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5012_10 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5012_10 Datasheet HTML 9Page - United Monolithic Semiconductors CHA5012_10 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
X Band Driver Amplifier
CHA5012
Ref. : DSCHA50120179 - 28 Jun 10
9/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Bonding recommendations
Port
Connection
IN (1)
Inductance (Lbonding) = 0.3nH
400µm length with wire diameter of 25 µm
OUT (12)
Inductance (Lbonding) = 0.3nH
400µm length with wire diameter of 25 µm
Assembly recommendations in test fixture using TTL interface
Note: when the TTL interface is used for biasing, the pin TO (pin number 4) must be
connected to the pins Vctrl ( pins number 5 and 8).
Assembly recommendations in test fixture using analog biasing
circuits


Similar Part No. - CHA5012_10

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
   X Band Driver Amplifier
More results

Similar Description - CHA5012_10

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
logo
United Monolithic Semic...
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700 Datasheet
223Kb / 15P
   X-Band Driver Amplifier
TGA2700 TRIQUINT-TGA2700_15 Datasheet
614Kb / 16P
   X Band Driver Amplifier
logo
United Monolithic Semic...
CHA5014-99F UMS-CHA5014-99F_15 Datasheet
591Kb / 8P
   X Band HBT Driver Amplifier
logo
HBH Microwave GmbH
HA5002 HBH-HA5002 Datasheet
17Kb / 1P
   X-Band Amplifier
logo
TriQuint Semiconductor
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com