Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2142C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # KA2142C
Description  Vertical Deflection Output Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2142C Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button KA2142C Datasheet HTML 4Page - Fairchild Semiconductor KA2142C Datasheet HTML 5Page - Fairchild Semiconductor KA2142C Datasheet HTML 6Page - Fairchild Semiconductor KA2142C Datasheet HTML 7Page - Fairchild Semiconductor KA2142C Datasheet HTML 8Page - Fairchild Semiconductor KA2142C Datasheet HTML 9Page - Fairchild Semiconductor KA2142C Datasheet HTML 10Page - Fairchild Semiconductor KA2142C Datasheet HTML 11Page - Fairchild Semiconductor KA2142C Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KA2142C
8
AC Test Circuit
Typical Application Circuit
KA2142A
VS
1000uF
220uF
PIN2
PIN9 PIN4
PIN6
PIN10
PIN1
Vref
6.8K
3.3K
220n
3.9K
GND
KA358
0.1uF
Vin
+
300
+
+
1.5
IN4001
150n
Output
D.Y
3.9K
10uF
+
2200uF
1
2
4
3
8
V
A=7.5V
1
6
2
+
KA551
10uF(60Hz)
5uF(12Hz
7
8
4
RA=2.7K
V
CC
(7.5V)
1
KA2142C
KA2142A
5
10
1
V.D Y
330
2W
2
9
4
1.5
0.15
µF
0.22
µF
VOUT
3.9K
22
µF
3.9K
+
+
2200
µF
0.9
2W
6
6.8K
0.33
µF
15K
Vcc=25V
R2
1.2
1W
+
Vref
0.1
µF
Vin
IN4001
+
0.01
µ
1000
µF
220
µF
35V
470pF
KA2142C


Similar Part No. - KA2142C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results

Similar Description - KA2142C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7875N SANYO-LA7875N Datasheet
40Kb / 4P
   Vertical Deflection Output Circuit
logo
STMicroelectronics
TDA9302H STMICROELECTRONICS-TDA9302H Datasheet
79Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Unisonic Technologies
T8172 UTC-T8172_15 Datasheet
176Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_15 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040 Datasheet
102Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com