Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA6250-QFG21 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA6250-QFG21
Description  5.5-9GHz Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6250-QFG21 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHA6250-QFG21 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6250-QFG21 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6250-QFG21 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6250-QFG21 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6250-QFG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6250-QFG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6250-QFG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHA6250-QFG21 Datasheet HTML 9Page - United Monolithic Semiconductors CHA6250-QFG21 Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CHA6250-QFG
5.5-9GHz Power Amplifier
Ref. : DSCHA6250-QFG2272 - 28 Sep 12
6/14
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C, Vd = +7.0V, Idq = 900mA
Drain current at 1 dB Compression
Output TOI (dBm) at two Pout/Tone
3-
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Frequency (GHz)
Temp=25°C
Temp=-40°C
Temp=+85°C
39
40
41
42
43
44
45
46
47
48
6
6.5
7
7.5
8
8.5
9
Frequency (GHz)
Pout/Tone=14.5 dBm
Pout/Tone=20.5 dBm


Similar Part No. - CHA6250-QFG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6250-QFG UMS-CHA6250-QFG Datasheet
446Kb / 14P
   5.5-9GHz Power Amplifier
CHA6250-QFG UMS-CHA6250-QFG_15 Datasheet
446Kb / 14P
   5.5-9GHz Power Amplifier
More results

Similar Description - CHA6250-QFG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6250-QFG UMS-CHA6250-QFG_15 Datasheet
446Kb / 14P
   5.5-9GHz Power Amplifier
CHA5250-QDG UMS-CHA5250-QDG_15 Datasheet
518Kb / 16P
   5.5-9GHz Medium Power Amplifier
CHR3762-QDG UMS-CHR3762-QDG Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHA4250-QDG UMS-CHA4250-QDG_15 Datasheet
578Kb / 14P
   5.5-11GHz Medium Power Amplifier
logo
Tyco Electronics
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
   2.5-5.5 GHz 1.6W Power Amplifier
logo
Hitachi Semiconductor
HA13119 HITACHI-HA13119 Datasheet
54Kb / 9P
   Dual 5.5 W Audio Power Amplifier
logo
Excelics Semiconductor,...
EMP105 EXCELICS-EMP105 Datasheet
242Kb / 2P
   4.0 - 5.5 GHz Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA2536-FL TRIQUINT-TGA2536-FL Datasheet
285Kb / 10P
   5.5 Watt Ku-Band Power Amplifier
logo
Excelics Semiconductor,...
EMP105-P2 EXCELICS-EMP105-P2 Datasheet
87Kb / 1P
   4.0 - 5.5 GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHM1481-QFG UMS-CHM1481-QFG_15 Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com