Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA6252-QFG21 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA6252-QFG21
Description  13-15.5GHz Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6252-QFG21 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA6252-QFG21 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6252-QFG21 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6252-QFG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6252-QFG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6252-QFG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHA6252-QFG21 Datasheet HTML 9Page - United Monolithic Semiconductors CHA6252-QFG21 Datasheet HTML 10Page - United Monolithic Semiconductors CHA6252-QFG21 Datasheet HTML 11Page - United Monolithic Semiconductors CHA6252-QFG21 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CHA6252-QFG
13-15.5GHz Power Amplifier
Ref. : DSCHA6252-QFG2355 - 20 Dec 12
8/12
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Package outline
(1)
Matt tin, Lead Free
(Green)
1-
Nc
12-
G3
23-
Nc
Units :
mm
2-
Nc
13-
Nc
24-
Nc
From the standard :
JEDEC MO-220
3-
Nc
14-
G4
25-
Gnd
(2)
(VHHD)
4-
Gnd
(2)
15-
D4
26-
D4
33-
GND
5-
RF IN
16-
Gnd
(2)
27-
Nc
6-
Gnd
(2)
17-
Nc
28-
D3
7-
Nc
18-
Nc
29-
Nc
8-
Nc
19-
Gnd
(2)
30-
D2
9-
G1
20-
RF OUT
31-
Gnd
(2)
10-
G2
21-
Gnd
(2)
32-
D1
11-
Gnd
(2)
22-
Nc
(1) The package outline drawing included to this data-sheet is given for indication. Refer to the
application note AN0017 (http://www.ums-gaas.com) for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “Gnd” through the PCB board.
Ensure that the PCB board is designed to provide the best possible ground to the package.


Similar Part No. - CHA6252-QFG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6252-QFG UMS-CHA6252-QFG Datasheet
478Kb / 12P
   13-15.5GHz Power Amplifier
CHA6252-QFG UMS-CHA6252-QFG_15 Datasheet
478Kb / 12P
   13-15.5GHz Power Amplifier
More results

Similar Description - CHA6252-QFG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6252-QFG UMS-CHA6252-QFG_15 Datasheet
478Kb / 12P
   13-15.5GHz Power Amplifier
logo
Qorvo, Inc
QPM2239 QORVO-QPM2239 Datasheet
847Kb / 18P
   13 ??15.5GHz 80W GaN Power Amplifier Module
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
logo
United Monolithic Semic...
CHA5042 UMS-CHA5042 Datasheet
92Kb / 6P
   13-16GHz High Power Amplifier
CHA6042 UMS-CHA6042 Datasheet
90Kb / 6P
   13-16GHz High Power Amplifier
logo
Qorvo, Inc
TGA2514N-FL QORVO-TGA2514N-FL Datasheet
535Kb / 10P
   13 ??18 GHz Power Amplifier
logo
Teledyne Technologies I...
CPA-13-6035 TELEDYNE-CPA-13-6035 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502_15 Datasheet
435Kb / 10P
   13 15 GHz 4W Power Amplifier
logo
Teledyne Technologies I...
CPA-13-6027 TELEDYNE-CPA-13-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502 Datasheet
180Kb / 9P
   13 - 15 GHz 4W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com