Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ406G Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # KBJ406G
Description  4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

KBJ406G Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  KBJ406G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd KBJ406G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
KBJ4005G THRU KBJ410G
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
FEATURES
Glass Passivated Die Construction
High Case Dielectric Strength of 1500VRMS
Low Reverse Leakage Current
Surge Overload Rating to 120A Peak
Ideal for Printed Circuit Board Applications
Plastic Material - UL Flammability
Classification 94V-0
UL Listed Under Recognized Component Index,
File Number E94661
High temperature soldering : 260OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: Molded Plastic
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
Polarity: Molded on Body
Mounting: Through Hole for #6 Screw
Mounting Torque: 5.0 in-lbs Maximum
Approx. Weight: 4.6 grams
Marking: Type Number
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
KBJ
Dim
Min
Max
A
24.80
25.20
B
14.70
15.30
C
400 Nominal
D
17.20
17.80
E
0.90
1.10
G
7.30
7.70
H
3.10ψ
3.40ψ
J
3.30
3.70
K
1.90
2.10
L
9.30
9.70
M
2.50
2.90
N
3.40
3.80
P
4.40
4.80
R
0.60
0.80
All Dimensions in mm
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBJ
4005G
KBJ
401G
KBJ
402G
KBJ
404G
KBJ
406G
KBJ
408G
KBJ
410G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current @ TC = 100°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave superimposed on rated load
(JEDEC method)
IFSM
150
A
Forward Voltage per element @ IF = 4.0A
VFM
1.0
V
Peak Reverse Current @TC = 25°C
at Rated DC Blocking Voltage @ TC = 125°C
IRM
5.0
500
μ
A
Typical Junction Capacitance per Element (Note 1)
CJ
40
PF
Typical Thermal Resistance (Note 2)
RθJA
5.5
/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to case per element. Unit mounted on 300 x 300 x 1.6mm aluminum plate heat sink.
_
A
B
D
J
K
C
E
G
H
L
M
N
P
R
KBJ(mm)


Similar Part No. - KBJ406G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBJ406G JGD-KBJ406G Datasheet
160Kb / 2P
   CLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBJ406G GENESIC-KBJ406G Datasheet
448Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Diodes Incorporated
KBJ406G DIODES-KBJ406G Datasheet
53Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. F-2
logo
Fuji Electric
KBJ406G FUJI-KBJ406G Datasheet
751Kb / 1P
   4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ406G DIODES-KBJ406G Datasheet
71Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. 9 - 2
More results

Similar Description - KBJ406G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ4A ZSELEC-KBJ4A Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ4005 ZSELEC-KBJ4005 Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBL401 YFWDIODE-GBL401 Datasheet
638Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBU401 YFWDIODE-GBU401 Datasheet
898Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005_15 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ4A ZSELEC-GBJ4A Datasheet
57Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D4KB1 YFWDIODE-D4KB1 Datasheet
456Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP401 YFWDIODE-KBP401 Datasheet
825Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
UD4KB10 YFWDIODE-UD4KB10 Datasheet
457Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com