Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA6518 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA6518
Description  5 - 18 GHz High Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6518 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA6518_09 Datasheet HTML 1Page - United Monolithic Semiconductors CHA6518_09 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6518_09 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6518_09 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6518_09 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6518_09 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6518_09 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6518_09 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA6518
5 - 18 GHz High Power Amplifier
Ref. : CHA6518-99F-Prel-5007.doc – 07/08/2009
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = 25°C (2), Vd=8V, Ic (Quiescient) = 1A, CW bi asing mode
Symbol
Parameter
Min
Typ
Max
Unit
F_op
Operating frequency
5
18
GHz
G_lin_1
Linear gain
20
24
dB
G_lin_T
Linear gain variation versus temperature
-
0.045
dB/°
C
RL_in
Input Return Loss
5.5
10
dB
RL_out
Output Return Loss
3.5
10
dB
P_sat_1
Saturated output power (5 to 6 GHz)
32.5
33
dBm
P_sat_2
Saturated output power (6 to 7 GHz)
33
34
dBm
P_sat_3
Saturated output power (8 to 10 GHz)
32.5
33
dBm
P_sat_4
Saturated output power (11 to 12 GHz)
32
32.5
dBm
P_sat_5
Saturated output power (13 to 14 GHz)
32.5
33
dBm
P_sat_6
Saturated output power (15 to 17 GHz)
33
34
dBm
P_sat_7
Saturated output power (18 GHz)
32
32.5
dBm
PAE_sat
Power Added Efficiency in saturation
11
20
%
Vd
Positive supply voltage
8
V
Id
Power supply quiescent current (1)
1
A
Vg
Negative supply voltage
-0.8
V
Top
Operating temperature range (2)
-30
+80
°C
NF
Noise Figure
5
dB
(1) This parameter is fixed by gate voltage Vg
(2) The reference is the back-side of the chip
Absolute Maximum Ratings (1)
Symbol
Parameter
Values
Unit
Pin (2)
Input continuous power
17
dBm
Vd (2)
Positive supply voltage without RF power
9
V
Id (2)
Positive supply quiescent current
1.5
A
Ig (2)
Gate supply current
88
mA
Pd (2)
Power dissipation
13.5
W
Tj
Junction temperature
175
°C
Tstg
Storage temperature range
-55 to +125
°C
(1)
Operation of this device above anyone of these parameters may cause permanent damage.
(2)
These values are specified for Tamb = 25°C


Similar Part No. - CHA6518_09

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
327Kb / 8P
   5 - 18 GHz High Power Amplifier
More results

Similar Description - CHA6518_09

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
327Kb / 8P
   5 - 18 GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA9092 TRIQUINT-TGA9092 Datasheet
492Kb / 4P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC_15 Datasheet
297Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com