Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP200 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # KBP200
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

KBP200 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  KBP200 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd KBP200 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20130130
KBP200~KBP210
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE
GLASS PASSIVATED BRIDGE RECTIFIE
VOLTAGE RANGE-50 to 1000 Volts CURRENT-2.0 Amperes
FEATURES
•Ideal for printed circuit board
•Surge overload rating: 60 Amperes peak
•High temperature soldering : 260
OC / 10 seconds at terminals
•Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•Case:Molded plastic
•Epoxy: UL 94V-0 rate flame retardant
•Lead: MIL-STD-202E,Method 208 guaranteed
•Polarity: Symbols molded or marked on body
•Mounting position: Any
•Weight: 2.74 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•Ratings at 25 ℃ ambient temperature unless otherwise specified.
•Single phase, half wave, 60 Hz, resistive or inductive load.
•For capacitive load, derate current by 20%.
KBP200
KBP201 KBP202 KBP204
KBP210
SYMBOL
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Output TA = 50℃
IO
2.0
Amps
Peak Forward Surge Current 8.3 ms single half
sine-wave
superimposed on rated load (JEDEC method)
IFSM
60
Amps
Maximum Forward Voltage Drop per element at 1.0A
DC
VF
1.0
Volts
@TA = 25℃
5
Maximum DC Reverse Current at
Rated DC Blocking Voltage per
element
@TA = 100℃
IR
500
µAmp
I2t Rating for Fusing(t<8.3ms)
I2t
10
A2Sec
Typical Junction Capacitance(Note1)
CJ
15
pF
Operating Temperature Range
TJ
-55 to + 150
Storage Temperature Range
TSTG
-55 to + 150
NOTES: 1.Measured at 1 MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B with 0.47x0.47”(12x12mm)copperpads.
KBP Unit:inch(mm)
.600 (15.2)
.560 (14.2)
.46 (11.7)
.42 (10.7)
(12.7)MIN
(1.4)
.50
1.0
.034 (0.86) DIA.
.028 (0.71) TYP
.
.160 (4.1)
.140 (3.6)
.153 (3.9)
.130 (3.3)
AC
(15.2)MIN
KBP206 KBP208


Similar Part No. - KBP200

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP200 WTE-KBP200 Datasheet
37Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBP200 ETC1-KBP200 Datasheet
23Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBP200 JGD-KBP200 Datasheet
118Kb / 2P
   SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBP200 EIC-KBP200 Datasheet
18Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBP200 COMCHIP-KBP200 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - KBP200

ManufacturerPart #DatasheetDescription
logo
Dc Components
GBK25A DCCOM-GBK25A Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
D3KB3A DCCOM-D3KB3A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
D3KB6A DCCOM-D3KB6A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE
logo
Shenzhen Luguang Electr...
GBJ2506L LUGUANG-GBJ2506L Datasheet
855Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIE
logo
Dc Components
1N4001G DCCOM-1N4001G Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5391G DCCOM-1N5391G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com