Electronic Components Datasheet Search |
|
7101L42D9V21BE Datasheet(PDF) 5 Page - C&K Components |
|
7101L42D9V21BE Datasheet(HTML) 5 Page - C&K Components |
5 / 14 page F–7 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F 7000 Series Miniature Toggle Switches ACTUATOR Replaces K1, K18 Replaces K, K8 * Gloss Plastic Chrome Finish No color choice required. Locking Positions –03 & –11 Models 3 Position lock –05, –09 & –15 Models 1 Position lock –07 & –13 Models 2 Position lock –01 Models 2 Position lock –08 Models 1 Position lock * Add .070 (1,78) for D, D8 & D9 bushings, subtract .020 (0,51) for H3 bushing. Finish: Matte (L41 & L42). L40 LEVER HANDLE WITHOUT CAP L41 PLASTIC LEVER HANDLE WITH ANTIROTATION AND CAP, P/N 4810 L42 PLASTIC LEVER HANDLE WITH ANTIROTATION AND CAP, P/N 4811 K9 LOCKING LEVER, .704" HIGH (unthreaded) K2 LOCKING LEVER, .704" HIGH (threaded) K19 LOCKING LEVER, .732" HIGH (unthreaded) K12 LOCKING LEVER, .732" HIGH (threaded) NOTE: To prevent accidental actuation, toggle must be lifted before being actuated. When released, toggle will lock in place. Overtightening mounting nut may cause actuator to bind. Locking levers supplied with bushing shown. Bushing option code not required unless CW splashproof bushing ordered. NOTE: Lever handle for L41 & L42 actuators supplied, but not installed. For interchangeability, order L40 actuator option and lever handles separately, see page F-16. L4X actuators not available with H4, Y1, Y4 bushings. Antirotation: Provides anti-‘push-in’ feature on actuator. NONE NATURAL ALUMINUM–With Nickle Plated Bushing 2 BLACK ANODIZED ALUMINUM 3 RED ANODIZED ALUMINUM 7 BLUE ANODIZED ALUMINUM ACTUATOR CAP FINISH OPTION CODE NONE No Actuator Color (L40 option) 2 BLACK 3 RED PLASTIC ACTUATOR COLORS OPTION CODE ACTUATOR FINISH/COLOR ACTUATOR L3 PLASTIC .940” HIGH |
Similar Part No. - 7101L42D9V21BE |
|
Similar Description - 7101L42D9V21BE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |